Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS85K Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCTS85K
Description  Radiation Hardened 4-Bit Magnitude Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS85K Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HCTS85K Datasheet HTML 2Page - Intersil Corporation HCTS85K Datasheet HTML 3Page - Intersil Corporation HCTS85K Datasheet HTML 4Page - Intersil Corporation HCTS85K Datasheet HTML 5Page - Intersil Corporation HCTS85K Datasheet HTML 6Page - Intersil Corporation HCTS85K Datasheet HTML 7Page - Intersil Corporation HCTS85K Datasheet HTML 8Page - Intersil Corporation HCTS85K Datasheet HTML 9Page - Intersil Corporation HCTS85K Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Specifications HCTS85MS
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11,
(Note 2)
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTES:
1. Alternate Group A testing in accordance with Method 5005 of MIL-STD-883 may be exercised.
2. Table 5 parameters only.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
5, 6, 7
1 - 4, 8 - 15
-
16
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
5, 6, 7
8
-
1 - 4, 9 - 16
-
-
DYNAMIC BURN-IN TEST CONDITIONS (Note 2)
-
1, 8, 10, 11, 13
5, 6, 7
2, 3, 4, 16
12, 15
9, 14
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
Ω± 5% for static burn-in.
2. Each pin except VCC and GND will have a resistor of 1K
Ω± 5% for dynamic burn-in.
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
5, 6, 7,
8
1 - 4, 9 - 16
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518624


Similar Part No. - HCTS85K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS85K INTERSIL-HCTS85K Datasheet
279Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
HCTS85K RENESAS-HCTS85K Datasheet
497Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
logo
Intersil Corporation
HCTS85KMSR INTERSIL-HCTS85KMSR Datasheet
279Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
HCTS85KMSR RENESAS-HCTS85KMSR Datasheet
497Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
More results

Similar Description - HCTS85K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS85MS INTERSIL-HCTS85MS_02 Datasheet
279Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
HCTS85MS RENESAS-HCTS85MS Datasheet
497Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
logo
Intersil Corporation
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com