Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS75K Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS75K
Description  Radiation Hardened Dual 2-Bit Bistable Transparent Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS75K Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS75K Datasheet HTML 1Page - Intersil Corporation HCTS75K Datasheet HTML 2Page - Intersil Corporation HCTS75K Datasheet HTML 3Page - Intersil Corporation HCTS75K Datasheet HTML 4Page - Intersil Corporation HCTS75K Datasheet HTML 5Page - Intersil Corporation HCTS75K Datasheet HTML 6Page - Intersil Corporation HCTS75K Datasheet HTML 7Page - Intersil Corporation HCTS75K Datasheet HTML 8Page - Intersil Corporation HCTS75K Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
477
HCTS75MS
Die Characteristics
DIE DIMENSIONS:
89 x 88 mils
2.25 x 2.24mm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4 mils
Metallization Mask Layout
HCTS75MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS75 is TA14442A.
D0 1
Q0 1
Q0 1
D1 1 (3)
E 2 (4)
VCC (5)
D0 2 (6)
(8)
(9)
(10)
(11) 2 Q0
(12) GND
(13) 1 E
(14) 1 Q1
(2)
(1)
(16)
Q1 2
Q1 2
Q0 2
D1 2 (7)
(15) 1 Q1
Spec Number
518625


Similar Part No. - HCTS75K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS7266D/SAMPLE INTERSIL-HCTS7266D/SAMPLE Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266DMSR INTERSIL-HCTS7266DMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266HMSR INTERSIL-HCTS7266HMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266K/SAMPLE INTERSIL-HCTS7266K/SAMPLE Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
HCTS7266KMSR INTERSIL-HCTS7266KMSR Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
More results

Similar Description - HCTS75K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com