Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS646HMSR Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS646HMSR
Description  Radiation Hardened Octal Bus Transceiver/Register, Three-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS646HMSR Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS646HMSR Datasheet HTML 1Page - Intersil Corporation HCTS646HMSR Datasheet HTML 2Page - Intersil Corporation HCTS646HMSR Datasheet HTML 3Page - Intersil Corporation HCTS646HMSR Datasheet HTML 4Page - Intersil Corporation HCTS646HMSR Datasheet HTML 5Page - Intersil Corporation HCTS646HMSR Datasheet HTML 6Page - Intersil Corporation HCTS646HMSR Datasheet HTML 7Page - Intersil Corporation HCTS646HMSR Datasheet HTML 8Page - Intersil Corporation HCTS646HMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
706
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS646DMSR
-55oC to +125oC
Intersil Class S Equivalent
24 Lead SBDIP
HCTS646KMSR
-55oC to +125oC
Intersil Class S Equivalent
24 Lead Ceramic Flatpack
HCTS646D/Sample
+25oC
Sample
24 Lead SBDIP
HCTS646K/Sample
+25oC
Sample
24 Lead Ceramic Flatpack
HCTS646HMSR
+25oC
Die
Die
HCTS646MS
Radiation Hardened
Octal Bus Transceiver/Register, Three-State
Pinouts
24 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T24
TOP VIEW
24 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F24
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
CAB
SAB
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
SBA
OE
B0
B1
B3
B5
B6
B7
CBA
B2
B4
24
23
22
21
20
19
18
17
16
15
14
13
2
3
4
5
6
7
8
9
10
11
12
1
CAB
SAB
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
SBA
OE
B0
B1
B3
B5
B6
B7
CBA
B2
B4
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Rate 2 x 10-9 Errors/Bit Day
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS646MS is a Radiation Hardened Three-
State Octal Bus Tranceiver/Register with Non-Inverting
outputs. This device is a bus transceiver with D-type flip-flops
which act as internal storage registers. Data on the A bus or
the B bus can be clocked into the registers on a High-to-Low
transition of either CAB ro CBA clock inputs. Output enable
(OE) and Direction (DIR) inputs control the transceiver func-
tions. Data present at the high impedance output can be
stored in either register or both but only one of the two buses
can be enabled as outputs at any one time. The select con-
trols (SAB and SBA) can multiplex stored and transparent
(real time) data. The direction control determines which data
bus will receive data when the OE pin is LOW. In the high
impedance mode (OE high), A data can be stored in one reg-
ister and B data in the other register. Data at the A or B termi-
nals can be clocked into the storage flip-flops at any time.
The HCTS646MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS646MS is supplied in a 24 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
August 1995
Spec Number
518628
File Number
3074.1


Similar Part No. - HCTS646HMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results

Similar Description - HCTS646HMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Renesas Technology Corp
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Intersil Corporation
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Renesas Technology Corp
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Renesas Technology Corp
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com