Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPJ4022 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPJ4022
Description  Dual USB / Gigabit Filter Port Jacks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPJ4022 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPJ4022_15 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
Dual USB / Gigabit Filter Port Jacks
CSJ4022
Rev. 1
1/29/03
• Space saving RJ-45/USB Connectors •
• Thermo Plastic PBT UL94V-0 Rated Connector Housing •
• Metal Shield : Nickel Plated Copper Alloy •
• Pins : 0.018 Tin-Coated Copper Wire •
Schematic
Package
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
EPJ4022
Return Loss
(dB Min.)
CMRR
(dB Min.)
-30
100 KHz-
100 MHz
-12
@80
MHz
-18
@ 60
MHz
Insertion Loss
(dB Max.)
-1
1-100
MHz
Turns Ratio
( ± 5% )
1CT:1CT
-20
1-30
MHz
CMD
(dB Min.)
-30
100 KHz-
100 MHz
OCL
(µH Min.)
350
@ 100 KHz,
100m Vrms
8 mA DC Bias
-30
Crosstalk
(dB Min.)
1-100 MHz
Xmit - Rcv
.305
1.15
Recommended PCB Footprint
Component Side
.498
.040
Min.
1.027
Max.
Marking :
PCA
EPJ4022
D.C.
.245
.673
Max.
.433
.752
± .020
.125
.096
.125
• LEDs : Vf=2.1V Typ. @ 20 mA • Isolation : 1500 Vrms
• Operating Temperature : 0°C to +70°C •
LED 2
LED 1
Ø=.091 4 Plcs
.096
.466
.080
.240
.570
.242
Ø =.062 4 Plcs
Ø=.035 24 Plcs
.140
.320
.276
.079
.147
.257
.517
.360
.565
.635
.370
.400
.170
.377
C
L
21
43
65
7
8
16
9
15 14 13 12 11
10
Pin Assignment
1
J1
J2
3
2
J3
J4
5
4J5
J6
8
7
J7
J8
10
9
6
75
75
75
75
1000 pF/2K V
LED 1
Green
12
11
LED 1
Green
16
15


Similar Part No. - EPJ4022_15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPJ4022 PCA-EPJ4022 Datasheet
101Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
More results

Similar Description - EPJ4022_15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPJ4017 PCA-EPJ4017_15 Datasheet
99Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4014 PCA-EPJ4014_15 Datasheet
97Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4020 PCA-EPJ4020_15 Datasheet
99Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4024 PCA-EPJ4024_15 Datasheet
101Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4025 PCA-EPJ4025 Datasheet
101Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4016 PCA-EPJ4016 Datasheet
98Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4021 PCA-EPJ4021 Datasheet
100Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4011 PCA-EPJ4011_15 Datasheet
97Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4015 PCA-EPJ4015_15 Datasheet
97Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
EPJ4023 PCA-EPJ4023_15 Datasheet
102Kb / 1P
   Dual USB / Gigabit Filter Port Jacks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com