Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS74DMSR Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCTS74DMSR
Description  Radiation Hardened Dual-D Flip-Flop with Set and Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS74DMSR Datasheet(HTML) 5 Page - Intersil Corporation

  HCTS74DMSR Datasheet HTML 1Page - Intersil Corporation HCTS74DMSR Datasheet HTML 2Page - Intersil Corporation HCTS74DMSR Datasheet HTML 3Page - Intersil Corporation HCTS74DMSR Datasheet HTML 4Page - Intersil Corporation HCTS74DMSR Datasheet HTML 5Page - Intersil Corporation HCTS74DMSR Datasheet HTML 6Page - Intersil Corporation HCTS74DMSR Datasheet HTML 7Page - Intersil Corporation HCTS74DMSR Datasheet HTML 8Page - Intersil Corporation HCTS74DMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
464
Specifications HCTS74MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETERS
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.4
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = VCC/2,
VIL = 0.8V, IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V, VIH = VCC/2,
VIL = 0.8V, IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
(Note 3)
+25oC
---
CP to Q, Q
TPHL
VCC = 4.5V
+25oC
2
37
ns
TPLH
VCC = 4.5V
+25oC
2
31
ns
S to Q
TPLH
VCC = 4.5V
+25oC
2
24
ns
S to Q
TPHL
VCC = 4.5V
+25oC
2
38
ns
R to Q
TPHL
VCC = 4.5V
+25oC
2
40
ns
R to Q
TPLH
VCC = 4.5V
+25oC
2
34
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
6
µA
IOL/IOH
5
-15% of 0 Hour
Spec Number
518626


Similar Part No. - HCTS74DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS74DMSR RENESAS-HCTS74DMSR Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results

Similar Description - HCTS74DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS74MS INTERSIL-HCS74MS Datasheet
175Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCS74T INTERSIL-HCS74T Datasheet
124Kb / 3P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACTS74MS INTERSIL-ACTS74MS Datasheet
115Kb / 3P
   Radiation Hardened Dual D Flip Flop with Set and Reset
logo
Renesas Technology Corp
ACTS74MS RENESAS-ACTS74MS Datasheet
125Kb / 3P
   Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
HCTS74MS RENESAS-HCTS74MS Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
logo
Intersil Corporation
HCTS74T INTERSIL-HCTS74T Datasheet
124Kb / 3P
   Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACS109MS INTERSIL-ACS109MS Datasheet
39Kb / 2P
   Radiation Hardened Dual J-K Flip-Flop with Set and Reset
July 1999
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com