Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS646MS Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCTS646MS
Description  Radiation Hardened Octal Bus Transceiver/Register, Three-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS646MS Datasheet(HTML) 5 Page - Intersil Corporation

  HCTS646MS Datasheet HTML 1Page - Intersil Corporation HCTS646MS Datasheet HTML 2Page - Intersil Corporation HCTS646MS Datasheet HTML 3Page - Intersil Corporation HCTS646MS Datasheet HTML 4Page - Intersil Corporation HCTS646MS Datasheet HTML 5Page - Intersil Corporation HCTS646MS Datasheet HTML 6Page - Intersil Corporation HCTS646MS Datasheet HTML 7Page - Intersil Corporation HCTS646MS Datasheet HTML 8Page - Intersil Corporation HCTS646MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
710
Specifications HCTS646MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V or 5.5V, VIH = VCC/2,
VIL = 0.8V, IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V or 5.5V, VIH = VCC/2,
VIL = 0.8V, IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Three-State Output
Leakage Current
IOZ
Applied Voltage = 0V or VCC, VCC = 5.5V
+25oC-
±50
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 3)
+25oC
---
A Data to B Bus (Store)
TPLH,
TPHL
VCC = 4.5V
+25oC
2
36
ns
B Data to A Bus (Store)
TPLH,
TPHL
VCC = 4.5V
+25oC
2
37
ns
A Data to B Bus
TPLH,
TPHL
VCC = 4.5V
+25oC
2
27
ns
B Data to A Bus
TPLH,
TPHL
VCC = 4.5V
+25oC
2
27
ns
Select to Data
TPLH,
TPHL
VCC = 4.5V
+25oC
2
34
ns
DIR to Output
TPLZ,
TPHZ
VCC = 4.5V
+25oC
2
31
ns
Enable to Output
TPLZ,
TPHZ
VCC = 4.5V
+25oC
2
31
ns
DIR to Output
TPZL,
TPZH
VCC = 4.5V
+25oC
2
34
ns
Enable to Output
TPZL,
TPZH
VCC = 4.5V
+25oC
2
36
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
IOZL/IOZH
5
±200nA
Spec Number
518628


Similar Part No. - HCTS646MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results

Similar Description - HCTS646MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Renesas Technology Corp
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Intersil Corporation
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Renesas Technology Corp
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Renesas Technology Corp
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com