Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS393HMSR Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCTS393HMSR
Description  Radiation Hardened Dual 4-Stage Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS393HMSR Datasheet(HTML) 3 Page - Intersil Corporation

  HCTS393HMSR Datasheet HTML 1Page - Intersil Corporation HCTS393HMSR Datasheet HTML 2Page - Intersil Corporation HCTS393HMSR Datasheet HTML 3Page - Intersil Corporation HCTS393HMSR Datasheet HTML 4Page - Intersil Corporation HCTS393HMSR Datasheet HTML 5Page - Intersil Corporation HCTS393HMSR Datasheet HTML 6Page - Intersil Corporation HCTS393HMSR Datasheet HTML 7Page - Intersil Corporation HCTS393HMSR Datasheet HTML 8Page - Intersil Corporation HCTS393HMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
674
Specifications HCTS393MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±25mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package. . . . . . . . . . . . . . . . . . . .
74oC/W
24oC/W
Ceramic Flatpack Package . . . . . . . . . . .
116oC/W
30oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.43W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.5mW/oC
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . 8.6mW/oC
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at 4.5V VCC (tr, tf) . . . . . . . . .500ns Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . . .VCC/2 to VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
40
µA
2, 3
+125oC, -55oC
-
750
µA
Output Current
(Sink)
IOL
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V
1
+25oC
4.8
-
mA
2, 3
+125oC, -55oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC - 0.4V,
VIL = 0V
1
+25oC
-4.8
-
mA
2, 3
+125oC, -55oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 2.25V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 5.5V, VIH = 2.75V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 2.25V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
VCC = 5.5V, VIH = 2.75V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or
GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±5.0
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V (Note 2)
7, 8A, 8B
+25oC, +125oC, -55oC
---
NOTES:
1. All voltages referenced to device GND.
2. For functional tests, VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
Spec Number
518633


Similar Part No. - HCTS393HMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS393HMSR RENESAS-HCTS393HMSR Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
More results

Similar Description - HCTS393HMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS393MS RENESAS-HCTS393MS Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Intersil Corporation
HCTS93MS INTERSIL-HCTS93MS Datasheet
168Kb / 9P
   Radiation Hardened 4-Bit Binary Ripple Counter
August 1995
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
Motorola, Inc
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
   Dual 4-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
   Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com