Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS12555T100MN Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # NS12555T100MN
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NS12555T100MN Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  NS12555T100MN Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NS12555T100MN Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
12.5 + / - 0.3
( 0.492 + / - 0.012 )
Width :
12.5 + / - 0.3
( 0.492 + / - 0.012 )
Height :
5.5 + / - 0.35
( 0.217 + / - 0.014 )
Inductance :
10
uH
( test freq at 0.1MHz )
DC Resistance : 0.0175
/
0.021
ohm ( typ / max )
Saturation Current :
4.73
A ( max )
Temp. rise Current :
5.04
A ( max )
Saturation current typical : 30% reduction from initial L value.
Temp rise Current typical : Temperature will rise by 40 deg C
2014/12/8
SMD Power Inductors (NS series)
unit : mm
unit : inch
NS12555T100MN
0
5
10
15
0
2000
4000
6000
8000
10000
DC Bias [mA]
DC Bias vs Inductance
1
10
100
1000
0.1
1
10
100
1000
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
2000
4000
6000
8000
10000
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.


Similar Part No. - NS12555T100MN

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS12555T100MN TAIYO-YUDEN-NS12555T100MN Datasheet
298Kb / 3P
   SMD Power Inductors (NS series)
NS12555T100MN TAIYO-YUDEN-NS12555T100MN Datasheet
373Kb / 3P
   Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2021/8/4
NS12555T100MN8 TAIYO-YUDEN-NS12555T100MN8 Datasheet
316Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NS series)
NS12555T100MNV TAIYO-YUDEN-NS12555T100MNV Datasheet
169Kb / 2P
   SMD Power Inductors for Automotive
NS12555T100MN TAIYO-YUDEN-NS12555T100MN_19 Datasheet
298Kb / 3P
   SMD Power Inductors (NS series)
More results

Similar Description - NS12555T100MN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com