Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCTS540MS Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HCTS540MS
Description  Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS540MS Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS540MS Datasheet HTML 1Page - Intersil Corporation HCTS540MS Datasheet HTML 2Page - Intersil Corporation HCTS540MS Datasheet HTML 3Page - Intersil Corporation HCTS540MS Datasheet HTML 4Page - Intersil Corporation HCTS540MS Datasheet HTML 5Page - Intersil Corporation HCTS540MS Datasheet HTML 6Page - Intersil Corporation HCTS540MS Datasheet HTML 7Page - Intersil Corporation HCTS540MS Datasheet HTML 8Page - Intersil Corporation HCTS540MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Specifications HCTS540MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Data to Output
TPHL
VCC = 4.5V
9
+25oC
2
21
ns
TPLH
VCC = 4.5V
10, 11
+125oC, -55oC
2
25
ns
Enable to Output
TPZL
VCC = 4.5V
9
+25oC
2
30
ns
10, 11
+125oC, -55oC
2
35
ns
TPZH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
30
ns
Disable to Output
TPLZ,
TPHZ
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
30
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
45
pF
1
+125oC, -55oC
-
50
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC, -55oC
-
10
pF
Output Transition
Time
TTHL,
TTLH
VCC = 4.5V
1
+25oC
-
12
ns
1
+125oC, -55oC
-
18
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V or 5.5V, VIH = VCC/2,
VIL = 0.8V, IOL = 50
µA
+25oC
-
0.1
V
Spec Number
518631


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn