Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT5551_15 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. CZT5551_15
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
CZT5551 (KZT5551)
Typical Characterisitics
0
1
1
1
.
0
1
10
100
0.2
0.4
0.6
0.8
1.0
1
10
100
0
1
1
100
0
0
1
0
1
1
10
100
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
12
0
3
6
9
12
15
18
0
0
1
0
1
1
1
.
0
0.2
0.4
0.6
0.8
1.0
0
0
1
0
1
1
0.01
0.1
f=1MHz
I
E=0 / IC=0
T
a=25
REVERSE VOLTAGE V (V)
C
ob
C
ib
C
ob / Cib
——
V
CB / VEB
I
C ——
V
BE
BASE-EMITTER VOLTAGE
V
BE(V)
T
a=25
T
a=100
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
COMMON EMITTER
V
CE=5V
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
COMMON EMITTER
V
CE=5V
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
P
C
—— T
a
COMMON
EMITTER
T
a=25
40uA
50uA
70uA
90uA
80uA
60uA
30uA
I
B=20uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
β=10
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat ——
0.3
200
200
200
3
150
50
30
20
20
200
500
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
T
a=100
V
CEsat
—— I
C




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl