Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT5551_15 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. CZT5551_15
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 1 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
CZT5551 (KZT5551)
Features
High Voltage
High Voltage Amplifier Application
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.Base
2.Collector
3.Emitter
4.Collector
4
1
2
3
0.250
Gauge Plane
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
180
Collector - Emitter Voltage
VCEO
160
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
0.6
A
Collector Power Dissipation
PC
1
W
Thermal Resistance From Junction To Ambient
RθJA
125
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100uA, IE= 0
180
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
160
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 120 V , IE= 0
50
Emitter cut-off current
IEBO
VEB= 4V , IC=0
50
IC=10m A, IB=1mA
0.15
IC=50m A, IB=5mA
0.2
IC=10m A, IB=1mA
1
IC=50m A, IB=5mA
1
hFE(1)
VCE= 5V, IC= 1mA
80
hFE(2)
VCE= 5V, IC= 10mA
80
250
hFE(3)
VCE= 5V, IC= 50mA
30
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
6
Emitter input capacitance
Cib
VBE=0.5V, IC=0, f=1MHz
20
Transition frequency
fT
VCE= 10V, IC= 10mA,f=1MHz
100
300
MHz
pF
DC current gain
V
nA
Collector-emitter saturation voltage
VCE(sat)
V
Base - emitter saturation voltage
VBE(sat)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl