Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCTS390MS Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HCTS390MS
Description  Radiation Hardened Dual Decade Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS390MS Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS390MS Datasheet HTML 1Page - Intersil Corporation HCTS390MS Datasheet HTML 2Page - Intersil Corporation HCTS390MS Datasheet HTML 3Page - Intersil Corporation HCTS390MS Datasheet HTML 4Page - Intersil Corporation HCTS390MS Datasheet HTML 5Page - Intersil Corporation HCTS390MS Datasheet HTML 6Page - Intersil Corporation HCTS390MS Datasheet HTML 7Page - Intersil Corporation HCTS390MS Datasheet HTML 8Page - Intersil Corporation HCTS390MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
665
Specifications HCTS390MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP0N to Q0n
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
22
ns
10, 11
+125oC, -55oC
2
27
ns
CP1Nn to Q1n
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
35
ns
CP1Nn to Q2n
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
34
ns
10, 11
+125oC, -55oC
2
41
ns
CP1Nn to Q3n
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
35
ns
MR to QNn
TPHL
VCC = 4.5V
9
+25oC
2
23
ns
10, 11
+125oC, -55oC
2
29
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1, 2, 3
+25oC
-
50
pF
1, 2, 3
+125oC, -55oC
-
56
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1, 2, 3
+25oC
-
10
pF
1, 2, 3
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1, 2, 3
+25oC
-
15
ns
1, 2, 3
+125oC
-
22
ns
Max Operating
Frequency
FMAX
VCC = 4.5V
1, 2, 3
+25oC
-
27
MHz
1, 2, 3
+125oC, -55oC
-
18
MHz
Pulse Width CP0Nn,
CP1Nn
TW
VCC = 4.5V
1, 2, 3
+25oC15
-
ns
1, 2, 3
+125oC, -55oC22
-
ns
Pulse Width Reset
TW
VCC = 4.5V
1, 2, 3
+25oC13
-
ns
1, 2, 3
+125oC, -55oC20
-
ns
Removal Time
Reset
TREM
VCC = 4.5V
1, 2, 3
+25oC15
-
ns
1, 2, 3
+125oC, -55oC22
-
ns
NOTES:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
2. Applies to DIC packaged devices.
3. Applies to Flatpack packaged devices.
Spec Number
518634


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn