Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS373D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS373D
Description  Radiation Hardened Octal Transparent Latch, Three-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS373D Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS373D Datasheet HTML 1Page - Intersil Corporation HCTS373D Datasheet HTML 2Page - Intersil Corporation HCTS373D Datasheet HTML 3Page - Intersil Corporation HCTS373D Datasheet HTML 4Page - Intersil Corporation HCTS373D Datasheet HTML 5Page - Intersil Corporation HCTS373D Datasheet HTML 6Page - Intersil Corporation HCTS373D Datasheet HTML 7Page - Intersil Corporation HCTS373D Datasheet HTML 8Page - Intersil Corporation HCTS373D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
638
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS373DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
HCTS373KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
HCTS373D/Sample
+25oC
Sample
20 Lead SBDIP
HCTS373K/Sample
+25oC
Sample
20 Lead Ceramic Flatpack
HCTS373HMSR
+25oC
Die
Die
HCTS373MS
Radiation Hardened
Octal Transparent Latch, Three-State
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T20
TOP VIEW
20 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F20
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
LE
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
OE
Q0
D0
D1
Q1
Q2
D2
D3
9
10
12
11
Q3
GND
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
LE
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS373MS is a Radiation Hardened octal transpar-
ent three-state latch with an active-low output enable. The out-
puts are transparent to the inputs when the Latch Enable (LE) is
HIGH. When the Latch Enable (LE) goes LOW, the data is
latched. The Output Enable (OE) controls the three-state outputs.
When the Output Enable (OE) is HIGH, the outputs are in the
high impedance state. The latch operation is independent of the
state of the Output Enable.
The HCTS373MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS373MS is supplied in a 20 lead Ceramic flatpack (K
suffix) or a SBDIP Package (D suffix).
August 1995
Spec Number
518636
File Number
2131.2


Similar Part No. - HCTS373D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS373D RENESAS-HCTS373D Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCTS373DMSR RENESAS-HCTS373DMSR Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Intersil Corporation
HCTS373DTR INTERSIL-HCTS373DTR Datasheet
94Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
More results

Similar Description - HCTS373D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Renesas Technology Corp
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
ACTS373MS INTERSIL-ACTS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com