Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS374MS Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCTS374MS
Description  Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS374MS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HCTS374MS Datasheet HTML 3Page - Intersil Corporation HCTS374MS Datasheet HTML 4Page - Intersil Corporation HCTS374MS Datasheet HTML 5Page - Intersil Corporation HCTS374MS Datasheet HTML 6Page - Intersil Corporation HCTS374MS Datasheet HTML 7Page - Intersil Corporation HCTS374MS Datasheet HTML 8Page - Intersil Corporation HCTS374MS Datasheet HTML 9Page - Intersil Corporation HCTS374MS Datasheet HTML 10Page - Intersil Corporation HCTS374MS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
658
HCTS374MS
Three-State Low Timing Diagrams
THREE-STATE LOW VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
0.90
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
VIH
VIL
VOZ
VOL
TPZL
TPLZ
VT
VW
Three-State Low Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
VCC
Three-State High Timing Diagrams
THREE-STATE HIGH VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
3.60
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
VIH
VIL
VOH
VOZ
TPHZ
TPZH
VW
VT
Three-State High Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Spec Number
518635


Similar Part No. - HCTS374MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results

Similar Description - HCTS374MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Intersil Corporation
HCTS574MS INTERSIL-HCTS574MS Datasheet
135Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
HCTS574MS RENESAS-HCTS574MS Datasheet
430Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCS374MS RENESAS-HCS374MS Datasheet
571Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
November 11, 2004
logo
Intersil Corporation
HCTS374T INTERSIL-HCTS374T Datasheet
96Kb / 3P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
July 1999
HCS374MS INTERSIL-HCS374MS Datasheet
175Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
September 1995
HCS374MS INTERSIL-HCS374MS_04 Datasheet
550Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
ACTS374MS INTERSIL-ACTS374MS Datasheet
90Kb / 10P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com