Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS27D Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS27D
Description  Radiation Hardened Triple 3-Input NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS27D Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS27D Datasheet HTML 1Page - Intersil Corporation HCTS27D Datasheet HTML 2Page - Intersil Corporation HCTS27D Datasheet HTML 3Page - Intersil Corporation HCTS27D Datasheet HTML 4Page - Intersil Corporation HCTS27D Datasheet HTML 5Page - Intersil Corporation HCTS27D Datasheet HTML 6Page - Intersil Corporation HCTS27D Datasheet HTML 7Page - Intersil Corporation HCTS27D Datasheet HTML 8Page - Intersil Corporation HCTS27D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
433
Specifications HCTS27MS
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
(Note 3)
+25oC
---
Input to Output
TPHL
VCC = 4.5V
+25oC
2
20
ns
TPLH
VCC = 4.5V
+25oC
2
22
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
3
µA
IOL/IOH
5
-15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate Group A inspection in accordance with Method 5005 of MIL-STD-883 may be exercised.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Spec Number
518643


Similar Part No. - HCTS27D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS273D INTERSIL-HCTS273D Datasheet
281Kb / 10P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCTS273D RENESAS-HCTS273D Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCTS273DMSR INTERSIL-HCTS273DMSR Datasheet
281Kb / 10P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCTS273DMSR RENESAS-HCTS273DMSR Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCTS273HMSR INTERSIL-HCTS273HMSR Datasheet
281Kb / 10P
   Radiation Hardened Octal D Flip-Flop
September 1995
More results

Similar Description - HCTS27D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
   Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS27MS RENESAS-HCS27MS Datasheet
386Kb / 8P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Intersil Corporation
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS INTERSIL-HCS11MS Datasheet
160Kb / 6P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
ACS11MS INTERSIL-ACS11MS Datasheet
50Kb / 2P
   Radiation Hardened Triple 3-Input AND Gate
November 1998
logo
Renesas Technology Corp
HCS11MS RENESAS-HCS11MS Datasheet
310Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com