Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS273K Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS273K
Description  Radiation Hardened Octal D Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS273K Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS273K Datasheet HTML 1Page - Intersil Corporation HCTS273K Datasheet HTML 2Page - Intersil Corporation HCTS273K Datasheet HTML 3Page - Intersil Corporation HCTS273K Datasheet HTML 4Page - Intersil Corporation HCTS273K Datasheet HTML 5Page - Intersil Corporation HCTS273K Datasheet HTML 6Page - Intersil Corporation HCTS273K Datasheet HTML 7Page - Intersil Corporation HCTS273K Datasheet HTML 8Page - Intersil Corporation HCTS273K Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com
| Copyright
© Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS273DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
HCTS273KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
HCTS273D/Sample
+25oC
Sample
20 Lead SBDIP
HCTS273K/Sample
+25oC
Sample
20 Lead Ceramic Flatpack
HCTS273HMSR
+25oC
Die
Die
HCTS273MS
Radiation Hardened
Octal D Flip-Flop
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T20, LEAD FINISH C
TOP VIEW
20 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F20, LEAD FINISH C
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
MR
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
MR
Q0
D0
D1
Q1
Q2
D2
D3
9
10
12
11
Q3
GND
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
CP
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s. 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS273MS is a Radiation Hardened octal D flip-
flop, positive edge triggered, with reset.
The HCTS273MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS273MS is supplied in a 20 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518642
File Number
2274.2


Similar Part No. - HCTS273K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS273K RENESAS-HCTS273K Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
HCTS273KMSR RENESAS-HCTS273KMSR Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
More results

Similar Description - HCTS273K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS273MS RENESAS-HCTS273MS Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCS273MS INTERSIL-HCS273MS Datasheet
139Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCS273MS RENESAS-HCS273MS Datasheet
466Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
ACTS374MS INTERSIL-ACTS374MS Datasheet
90Kb / 10P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
HCTS109MS INTERSIL-HCTS109MS Datasheet
170Kb / 9P
   Radiation Hardened Dual JK Flip Flop
September 1995
logo
Renesas Technology Corp
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Intersil Corporation
HCTS109T INTERSIL-HCTS109T Datasheet
121Kb / 3P
   Radiation Hardened Dual JK Flip Flop
July 1999
HCS112MS INTERSIL-HCS112MS Datasheet
180Kb / 9P
   Radiation Hardened Dual JK Flip-Flop
September 1995
logo
Renesas Technology Corp
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com