Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SC3360-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. 2SC3360-HF
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  http://www.kexin.com.cn/index.asp
Logo 

2SC3360-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
High voltage VCEO=200V
High DC Current Gain hFE=90 to 450
Complementary to 2SA1330-HF
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
200
Collector - Emitter Voltage
VCEO
200
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
100
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
*1.pulsed:PW ≤ 350us,Duty Cycle ≤ 2℅
Classification of hfe(1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
200
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, RBE= ∞
200
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector- base cut-off current
ICBO
VCB= 200 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
*1
VCE(sat) IC=50mA, IB=5mA
0.1
0.3
Base - emitter saturation voltage
*1
VBE(sat) IC=50mA, IB=5mA
0.8
1.2
Base - emitter voltage
*1
VBE
VCE= 10V, IC= 10mA
VCE= 10V, IC= 10mA
90
200
450
VCE= 10V, IC= 50mA
50
200
Turn-ON Time
ton
0.15
Storage Time
tstg
1.3
Fall Time
tf
1.6
Collector output capacitance
Cob
VCB= 30V, IE=0,f=1MHz
2.8
pF
Transition frequency
fT
VCE= 10V, IC= 10mA
160
MHz
V
uA
IC=10mA,IB1=-IB2=1mA,VCC=10V
us
DC current gain
*1
hFE
V
VBE(off)=-2.5V
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
Type
2SC3360-N15-HF
2SC3360-N16-HF
2SC3360-N17-HF
Range
90-180
135-270
200-450
Marking
N15 F
N16
N17
F
F
NPN Transistors
2SC3360-HF


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn