Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS27MS Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS27MS
Description  Radiation Hardened Triple 3-Input NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS27MS Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS27MS Datasheet HTML 1Page - Intersil Corporation HCTS27MS Datasheet HTML 2Page - Intersil Corporation HCTS27MS Datasheet HTML 3Page - Intersil Corporation HCTS27MS Datasheet HTML 4Page - Intersil Corporation HCTS27MS Datasheet HTML 5Page - Intersil Corporation HCTS27MS Datasheet HTML 6Page - Intersil Corporation HCTS27MS Datasheet HTML 7Page - Intersil Corporation HCTS27MS Datasheet HTML 8Page - Intersil Corporation HCTS27MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
437
HCTS27MS
Die Characteristics
DIE DIMENSIONS:
87 x 88 mils
2.20 x 2.24mm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCTS27MS
A1
VCC
C1
B1 (2)
A2 (3)
B2 (4)
C2 (5)
(6)
(7)
(8)
(9) A3
(10) B3
(11) C3
(12) Y1
(1)
(14)
(13)
Y2
GND
Y3
Spec Number
518643


Similar Part No. - HCTS27MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS273D INTERSIL-HCTS273D Datasheet
281Kb / 10P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCTS273D RENESAS-HCTS273D Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCTS273DMSR INTERSIL-HCTS273DMSR Datasheet
281Kb / 10P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCTS273DMSR RENESAS-HCTS273DMSR Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCTS273HMSR INTERSIL-HCTS273HMSR Datasheet
281Kb / 10P
   Radiation Hardened Octal D Flip-Flop
September 1995
More results

Similar Description - HCTS27MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
   Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS27MS RENESAS-HCS27MS Datasheet
386Kb / 8P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Intersil Corporation
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCS11MS INTERSIL-HCS11MS Datasheet
160Kb / 6P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
ACS11MS INTERSIL-ACS11MS Datasheet
50Kb / 2P
   Radiation Hardened Triple 3-Input AND Gate
November 1998
logo
Renesas Technology Corp
HCS11MS RENESAS-HCS11MS Datasheet
310Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com