Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS273DMSR Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCTS273DMSR
Description  Radiation Hardened Octal D Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS273DMSR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HCTS273DMSR Datasheet HTML 2Page - Intersil Corporation HCTS273DMSR Datasheet HTML 3Page - Intersil Corporation HCTS273DMSR Datasheet HTML 4Page - Intersil Corporation HCTS273DMSR Datasheet HTML 5Page - Intersil Corporation HCTS273DMSR Datasheet HTML 6Page - Intersil Corporation HCTS273DMSR Datasheet HTML 7Page - Intersil Corporation HCTS273DMSR Datasheet HTML 8Page - Intersil Corporation HCTS273DMSR Datasheet HTML 9Page - Intersil Corporation HCTS273DMSR Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Specifications HCTS273MS
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS
2, 5, 6, 9, 12, 15,
16, 19
1, 3, 4, 7, 8, 10, 11,
13, 14, 17, 18
-20
-
-
STATIC BURN-IN II TEST CONNECTIONS
2, 5, 6, 9, 12, 15,
16, 19
10
-
1, 3, 4, 7, 8, 11, 13,
14, 17, 18, 20
--
DYNAMIC BURN-IN TEST CONNECTIONS
-
10
2, 5, 6, 9, 12, 15,
16, 19
1, 20
11
3, 4, 7, 8, 13,
14, 17, 18
NOTES:
1. Each pin except VCC and GND will have a resistor of 10k
Ω± 5% for static burn-in
2. Each pin except VCC and GND will have a resistor of 680
Ω± 5% for dynamic burn-in
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
2, 5, 6, 9, 12, 15, 16, 19
10
1, 3, 4, 7, 8 11, 13, 14, 17, 18, 20
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518642


Similar Part No. - HCTS273DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS273DMSR RENESAS-HCTS273DMSR Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
More results

Similar Description - HCTS273DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS273MS RENESAS-HCTS273MS Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCS273MS INTERSIL-HCS273MS Datasheet
139Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCS273MS RENESAS-HCS273MS Datasheet
466Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
ACTS374MS INTERSIL-ACTS374MS Datasheet
90Kb / 10P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
HCTS109MS INTERSIL-HCTS109MS Datasheet
170Kb / 9P
   Radiation Hardened Dual JK Flip Flop
September 1995
logo
Renesas Technology Corp
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Intersil Corporation
HCTS109T INTERSIL-HCTS109T Datasheet
121Kb / 3P
   Radiation Hardened Dual JK Flip Flop
July 1999
HCS112MS INTERSIL-HCS112MS Datasheet
180Kb / 9P
   Radiation Hardened Dual JK Flip-Flop
September 1995
logo
Renesas Technology Corp
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com