Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS245T Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCTS245T
Description  Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS245T Datasheet(HTML) 3 Page - Intersil Corporation

  HCTS245T Datasheet HTML 1Page - Intersil Corporation HCTS245T Datasheet HTML 2Page - Intersil Corporation HCTS245T Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
(3149
µm x 2794µm x 533µm ±51µm)
124 x 110 x 21mils
±2mil
METALLIZATION:
Type: Al Si
Thickness: 11.0k
Å
±1kÅ
SUBSTRATE POTENTIAL:
Unbiased Silicon on Sapphire
BACKSIDE FINISH:
Sapphire
PASSIVATION:
Type: Silox (SiO2)
Thickness: 13k
Å
±2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0e5 A/cm2
TRANSISTOR COUNT:
274
PROCESS:
CMOS SOS
Metallization Mask Layout
HCTS245T
(18) B0
(17) B1
(16) B2
(15) B3
(14) B4
(13) B5
A0 (2)
A1 (3)
A2 (4)
A3 (5)
A4 (6)
A5 (7)
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The mask
series for the HCTS245 is TA14417A.
HCTS245T


Similar Part No. - HCTS245T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS245D INTERSIL-HCTS245D Datasheet
127Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Renesas Technology Corp
HCTS245D RENESAS-HCTS245D Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
HCTS245DMSR INTERSIL-HCTS245DMSR Datasheet
127Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Renesas Technology Corp
HCTS245DMSR RENESAS-HCTS245DMSR Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
HCTS245HMSR INTERSIL-HCTS245HMSR Datasheet
127Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
More results

Similar Description - HCTS245T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Renesas Technology Corp
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Intersil Corporation
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
logo
Renesas Technology Corp
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
   Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
logo
Intersil Corporation
ACTS244MS INTERSIL-ACTS244MS Datasheet
47Kb / 3P
   Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
logo
Renesas Technology Corp
ACTS244MS RENESAS-ACTS244MS Datasheet
211Kb / 3P
   Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
ACS245MS RENESAS-ACS245MS Datasheet
319Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
logo
Intersil Corporation
ACTS245T INTERSIL-ACTS245T Datasheet
78Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
July 1999
ACS245MS INTERSIL-ACS245MS Datasheet
75Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS245MS INTERSIL-ACTS245MS Datasheet
75Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com