Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS244DMSR Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCTS244DMSR
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS244DMSR Datasheet(HTML) 3 Page - Intersil Corporation

  HCTS244DMSR Datasheet HTML 1Page - Intersil Corporation HCTS244DMSR Datasheet HTML 2Page - Intersil Corporation HCTS244DMSR Datasheet HTML 3Page - Intersil Corporation HCTS244DMSR Datasheet HTML 4Page - Intersil Corporation HCTS244DMSR Datasheet HTML 5Page - Intersil Corporation HCTS244DMSR Datasheet HTML 6Page - Intersil Corporation HCTS244DMSR Datasheet HTML 7Page - Intersil Corporation HCTS244DMSR Datasheet HTML 8Page - Intersil Corporation HCTS244DMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
604
Specifications HCTS244MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±25mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package. . . . . . . . . . . . . . . . . . . .
72oC/W
24oC/W
Ceramic Flatpack Package . . . . . . . . . . .
107oC/W
28oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.69W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.47W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.9mW/oC
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . 9.3mW/oC
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation..
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . . .500ns Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . . .VCC/2 to VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
40
µA
2, 3
+125oC, -55oC
-
750
µA
Output Current
(Sink)
IOL
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V
1
+25oC
7.2
-
mA
2, 3
+125oC, -55oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V
1
+25oC
-7.2
-
mA
2, 3
+125oC, -55oC
-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 2.25V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 5.5V, VIH = 2.75V,
IOL = 50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 2.25V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
VCC = 5.5V, VIH = 2.75V,
IOH = -50
µA, VIL = 0.8V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or
GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±5.0
µA
Three-State Output
Leakage Current
IOZ
Applied Voltage = 0V or
VCC, VCC = 5.5V
1
+25oC-
±1
µA
2, 3
+125oC, -55oC-
±50
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 2)
7, 8A, 8B
+25oC, +125oC, -55oC
---
NOTES:
1. All voltages reference to device GND.
2. For functional tests, VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
Spec Number
518616


Similar Part No. - HCTS244DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS244DMSR RENESAS-HCTS244DMSR Datasheet
554Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results

Similar Description - HCTS244DMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
   Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS244T INTERSIL-HCS244T Datasheet
94Kb / 3P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
HCTS244T INTERSIL-HCTS244T Datasheet
105Kb / 3P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
5962R9573101VXC INTERSIL-5962R9573101VXC Datasheet
176Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com