Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS240AMS Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCTS240AMS
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS240AMS Datasheet(HTML) 5 Page - Intersil Corporation

  HCTS240AMS Datasheet HTML 1Page - Intersil Corporation HCTS240AMS Datasheet HTML 2Page - Intersil Corporation HCTS240AMS Datasheet HTML 3Page - Intersil Corporation HCTS240AMS Datasheet HTML 4Page - Intersil Corporation HCTS240AMS Datasheet HTML 5Page - Intersil Corporation HCTS240AMS Datasheet HTML 6Page - Intersil Corporation HCTS240AMS Datasheet HTML 7Page - Intersil Corporation HCTS240AMS Datasheet HTML 8Page - Intersil Corporation HCTS240AMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Specifications HCTS240AMS
Output Voltage Low
VOL
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V ,
IOL = 50
µA
+25oC
-
0.1
V
VCC = 5.5V, VIH = 2.75V, VIL = 0.8V ,
IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
IOH = -50
µA
+25oC
VCC
-0.1
-V
VCC = 5.5V, VIH = 2.75V, VIL = 0.8V,
IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Three-State Output
Leakage Current
IOZ
VCC = 5.5V, Force Voltage = 0V or VCC
+25oC-
±50
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
(Note 2)
+25oC-
-
V
Propagation Delay
Input to Output
TPHL
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
25
ns
TPLH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
23
ns
Propagation Delay
Enable to Output
TPZL
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
35
ns
TPZH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
25
ns
Propagation Delay
Disable to Output
TPLZ
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
26
ns
TPHZ
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
23
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOZ
5
±200nA
IOL/IOH
5
-15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Spec Number
518889


Similar Part No. - HCTS240AMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS240AMS RENESAS-HCTS240AMS Datasheet
555Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results

Similar Description - HCTS240AMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
   Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Intersil Corporation
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
   Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS244T INTERSIL-HCS244T Datasheet
94Kb / 3P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
HCTS244T INTERSIL-HCTS244T Datasheet
105Kb / 3P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
5962R9573101VXC INTERSIL-5962R9573101VXC Datasheet
176Kb / 10P
   Radiation Hardened Octal Buffer/Line Driver, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com