Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9740 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9740
Description  10-Bit, 210 MSPS TxDAC D/A Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740 Datasheet(HTML) 1 Page - Analog Devices

  AD9740_15 Datasheet HTML 1Page - Analog Devices AD9740_15 Datasheet HTML 2Page - Analog Devices AD9740_15 Datasheet HTML 3Page - Analog Devices AD9740_15 Datasheet HTML 4Page - Analog Devices AD9740_15 Datasheet HTML 5Page - Analog Devices AD9740_15 Datasheet HTML 6Page - Analog Devices AD9740_15 Datasheet HTML 7Page - Analog Devices AD9740_15 Datasheet HTML 8Page - Analog Devices AD9740_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
10-Bit, 210 MSPS TxDAC® D/A Converter
AD9740
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
High performance member of pin-compatible
TxDAC product family
Excellent spurious-free dynamic range performance
SNR @ 5 MHz output, 125 MSPS: 65 dB
Twos complement or straight binary data format
Differential current outputs: 2 mA to 20 mA
Power dissipation: 135 mW @ 3.3 V
Power-down mode: 15 mW @ 3.3 V
On-chip 1.2 V Reference
CMOS-compatible digital interface
28-lead SOIC, 28-lead TSSOP, and 32-lead LFCSP
packages
Edge-triggered latches
APPLICATIONS
Wideband communication transmit channel
Direct IF
Base stations
Wireless local loops
Digital radio links
Direct digital synthesis (DDS)
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
1.2V REF
REFLO
3.3V
RSET
0.1
μF
CLOCK
SLEEP
REFIO
FS ADJ
DVDD
DCOM
CLOCK
DIGITAL DATA INPUTS (DB9–DB0)
150pF
3.3V
AVDD
ACOM
AD9740
CURRENT
SOURCE
ARRAY
IOUTA
IOUTB
MODE
LSB
SWITCHES
SEGMENTED
SWITCHES
LATCHES
Figure 1.
GENERAL DESCRIPTION
The AD97401 is a 10-bit resolution, wideband, third generation
member of the TxDAC series of high performance, low power
CMOS digital-to-analog converters (DACs). The TxDAC
family, consisting of pin-compatible 8-, 10-, 12-, and 14-bit
DACs, is specifically optimized for the transmit signal path
of communication systems. All of the devices share the same
interface options, small outline package, and pinout, providing
an upward or downward component selection path based
on performance, resolution, and cost. The AD9740 offers
exceptional ac and dc performance while supporting update
rates up to 210 MSPS.
The AD9740’s low power dissipation makes it well suited for
portable and low power applications. Its power dissipation
can be further reduced to 60 mW with a slight degradation in
performance by lowering the full-scale current output. In
addition, a power-down mode reduces the standby power
dissipation to approximately 15 mW. A segmented current
source architecture is combined with a proprietary switching
technique to reduce spurious components and enhance
dynamic performance.
Edge-triggered input latches and a 1.2 V temperature-compensated
band gap reference have been integrated to provide a complete
monolithic DAC solution. The digital inputs support 3 V CMOS
logic families.
PRODUCT HIGHLIGHTS
1.
The AD9740 is the 10-bit member of the pin-compatible
TxDAC family, which offers excellent INL and DNL
performance.
2.
Data input supports twos complement or straight binary
data coding.
3.
High speed, single-ended CMOS clock input supports
210 MSPS conversion rate.
4.
Low power: Complete CMOS DAC function operates on
135 mW from a 2.7 V to 3.6 V single supply. The DAC full-
scale current can be reduced for lower power operation,
and a sleep mode is provided for low power idle periods.
5.
On-chip voltage reference: The AD9740 includes a 1.2 V
temperature-compensated band gap voltage reference.
6.
Industry-standard 28-lead SOIC, 28-lead TSSOP, and 32-
lead LFCSP packages.
1 Protected by U.S. Patent Numbers 5568145, 5689257, and 5703519.


Similar Part No. - AD9740_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740-EB AD-AD9740-EB Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9740-EB AD-AD9740-EB Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740ACP AD-AD9740ACP Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740ACP-PCB AD-AD9740ACP-PCB Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740ACPRL7 AD-AD9740ACPRL7 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results

Similar Description - AD9740_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740 Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9763 AD-AD9763 Datasheet
460Kb / 28P
   10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9750 AD-AD9750 Datasheet
302Kb / 22P
   10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9751 AD-AD9751 Datasheet
714Kb / 26P
   10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV. 0
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com