Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS14MS Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCTS14MS
Description  Radiation Hardened HEX Inverting Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS14MS Datasheet(HTML) 8 Page - Intersil Corporation

  HCTS14MS Datasheet HTML 1Page - Intersil Corporation HCTS14MS Datasheet HTML 2Page - Intersil Corporation HCTS14MS Datasheet HTML 3Page - Intersil Corporation HCTS14MS Datasheet HTML 4Page - Intersil Corporation HCTS14MS Datasheet HTML 5Page - Intersil Corporation HCTS14MS Datasheet HTML 6Page - Intersil Corporation HCTS14MS Datasheet HTML 7Page - Intersil Corporation HCTS14MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
397
HCTS14MS
Die Characteristics
DIE DIMENSIONS:
87 x 88 mils
2,20 x 2.24mm
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4 mils
Metallization Mask Layout
HCTS14MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS14 is TA14443A.
A1
VCC
A6
Y1 (2)
A2 (3)
Y2 (4)
A3 (5)
(6)
(7)
(8)
(9) A4
(10) Y5
(11) A5
(12) Y6
(1)
Y3
GND
Y4
(14)
(13)
Spec Number
518607


Similar Part No. - HCTS14MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS Datasheet
231Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
logo
Renesas Technology Corp
HCTS14MS RENESAS-HCTS14MS Datasheet
364Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS_07 Datasheet
231Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
More results

Similar Description - HCTS14MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS14MS RENESAS-ACS14MS Datasheet
227Kb / 2P
   Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
logo
Intersil Corporation
HCS14MS INTERSIL-HCS14MS Datasheet
158Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
ACS14MS INTERSIL-ACS14MS Datasheet
50Kb / 2P
   Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
HCTS14MS INTERSIL-HCTS14MS_07 Datasheet
231Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
logo
Renesas Technology Corp
HCTS14MS RENESAS-HCTS14MS Datasheet
364Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
HCS14MS RENESAS-HCS14MS Datasheet
469Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com