Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS14MS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS14MS
Description  Radiation Hardened HEX Inverting Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS14MS Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS14MS Datasheet HTML 1Page - Intersil Corporation HCTS14MS Datasheet HTML 2Page - Intersil Corporation HCTS14MS Datasheet HTML 3Page - Intersil Corporation HCTS14MS Datasheet HTML 4Page - Intersil Corporation HCTS14MS Datasheet HTML 5Page - Intersil Corporation HCTS14MS Datasheet HTML 6Page - Intersil Corporation HCTS14MS Datasheet HTML 7Page - Intersil Corporation HCTS14MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
393
Specifications HCTS14MS
Output Voltage High
VOH
VCC = 4.5V and 5.5V,
VIH = VCC/2,
VIL = 0.4V at 200K RAD,
IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.4V at 200K RAD, (Note 3)
+25oC
---
Propagation Delay
TPHL
VCC = 4.5V
+25oC
2
21
ns
TPLH
VCC = 4.5V
+25oC
2
31
ns
Input Switch Points
VT+
VCC = 4.5
+25oC
0.40
2.25
V
VT-
VCC = 4.5
+25oC
0.40
2.25
V
VH
VCC = 4.5
+25oC
0.10
1.40
V
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
3. For functional tests, VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
3
µA
IOL/IOH
5
-15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS
GROUP A SUBGROUPS
CONFORMANCE GROUPS
MIL-STD-883 METHOD
TESTED FOR -Q
RECORDED FOR -Q
Initial Test
100% 5004
1, 7, 9
1 (Note 2)
Interim Test
100% 5004
1, 7, 9,
1,
∆ (Note 2)
PDA
100% 5004
1, 7,
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Subgroup B5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11,
1, 2, 3,
∆ (Note 2)
Subgroup B6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 7, 9
NOTES:
1. Alternate Group A testing in accordance with MIL-STD-883 Method 5005 may be exercised.
2. Table 5 parameters only.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD LIMITS
UNITS
MIN
MAX
Spec Number
518607


Similar Part No. - HCTS14MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS Datasheet
231Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
logo
Renesas Technology Corp
HCTS14MS RENESAS-HCTS14MS Datasheet
364Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS_07 Datasheet
231Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
More results

Similar Description - HCTS14MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS14MS RENESAS-ACS14MS Datasheet
227Kb / 2P
   Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
logo
Intersil Corporation
HCS14MS INTERSIL-HCS14MS Datasheet
158Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
ACS14MS INTERSIL-ACS14MS Datasheet
50Kb / 2P
   Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
HCTS14MS INTERSIL-HCTS14MS_07 Datasheet
231Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
logo
Renesas Technology Corp
HCTS14MS RENESAS-HCTS14MS Datasheet
364Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
HCS14MS RENESAS-HCS14MS Datasheet
469Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com