Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCTS147MS Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HCTS147MS
Description  Radiation Hardened 10-to-4 Line Priority Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS147MS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HCTS147MS Datasheet HTML 2Page - Intersil Corporation HCTS147MS Datasheet HTML 3Page - Intersil Corporation HCTS147MS Datasheet HTML 4Page - Intersil Corporation HCTS147MS Datasheet HTML 5Page - Intersil Corporation HCTS147MS Datasheet HTML 6Page - Intersil Corporation HCTS147MS Datasheet HTML 7Page - Intersil Corporation HCTS147MS Datasheet HTML 8Page - Intersil Corporation HCTS147MS Datasheet HTML 9Page - Intersil Corporation HCTS147MS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
535
Specifications HCTS147MS
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC BURN-IN AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
6, 7, 9, 14, 15
1 - 5, 8, 10 - 13
-
16
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
6, 7, 9, 14, 15
8
-
1 - 5, 10 - 13, 16
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
15
8
6, 7, 9, 14
16
4, 5, 10, 11, 13
1-3, 12
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
Ω± 5% for static burn-in.
2. Each pin except VCC and GND will have a resistor of 1K
Ω± 5% for dynamic burn-in.
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
6, 7, 9, 14, 15
8
1 - 5, 10 - 13, 16
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518608


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ACS147MS Radiation Hardened 10-to-4 Line Priority Encoder 1  2  Intersil Corporation
74HC147 10-to-4 line priority encoder 1  2  3  4  5  More NXP Semiconductors
CD74HC147 High Speed CMOS Logic 10-to-4 Line Priority Encoder 1  2  3  4  5  More Texas Instruments
MM54HC147 10-to-4 Line Priority Encoder 1  2  3  4  National Semiconductor (TI)
74HC147N 10-TO-4 LINE PRIORITY ENCODER 1  2  3  4  5  More NXP Semiconductors
MM54HCT147 10-to-4 Line Priority Encoder 1  2  3  4  National Semiconductor (TI)
M54HC147 10 TO 4 LINE PRIORITY ENCODER 1  2  3  4  5  More STMicroelectronics
HCTS541MS Radiation Hardened Non-Inverting Octal Buffer/Line Driver Three-State 1  2  3  4  5  More Intersil Corporation
M54HC148 8 TO 3 LINE PRIORITY ENCODER 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn