Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCTS147MS Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HCTS147MS
Description  Radiation Hardened 10-to-4 Line Priority Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS147MS Datasheet(HTML) 5 Page - Intersil Corporation

  HCTS147MS Datasheet HTML 1Page - Intersil Corporation HCTS147MS Datasheet HTML 2Page - Intersil Corporation HCTS147MS Datasheet HTML 3Page - Intersil Corporation HCTS147MS Datasheet HTML 4Page - Intersil Corporation HCTS147MS Datasheet HTML 5Page - Intersil Corporation HCTS147MS Datasheet HTML 6Page - Intersil Corporation HCTS147MS Datasheet HTML 7Page - Intersil Corporation HCTS147MS Datasheet HTML 8Page - Intersil Corporation HCTS147MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
534
Specifications HCTS147MS
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 3)
+25oC
---
Input to Output
TPLH
VCC = 4.5V
+25oC
2
32
ns
TPHL
VCC = 4.5V
+25oC
2
32
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate Group A testing in accordance with Method 5005 of MIL-STD-883 may be exercised.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Spec Number
518608


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ACS147MS Radiation Hardened 10-to-4 Line Priority Encoder 1  2  Intersil Corporation
74HC147 10-to-4 line priority encoder 1  2  3  4  5  More NXP Semiconductors
CD74HC147 High Speed CMOS Logic 10-to-4 Line Priority Encoder 1  2  3  4  5  More Texas Instruments
MM54HC147 10-to-4 Line Priority Encoder 1  2  3  4  National Semiconductor (TI)
74HC147N 10-TO-4 LINE PRIORITY ENCODER 1  2  3  4  5  More NXP Semiconductors
MM54HCT147 10-to-4 Line Priority Encoder 1  2  3  4  National Semiconductor (TI)
M54HC147 10 TO 4 LINE PRIORITY ENCODER 1  2  3  4  5  More STMicroelectronics
HCTS541MS Radiation Hardened Non-Inverting Octal Buffer/Line Driver Three-State 1  2  3  4  5  More Intersil Corporation
M54HC148 8 TO 3 LINE PRIORITY ENCODER 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn