Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC1688G Datasheet(PDF) 2 Page - NEC

Part No. UPC1688G
Description  5 V, 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC1688G Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
µPC1688G
2
ABSOLUTE MAXIMUM RATINGS (TA = +25 ˚C)
Supply Voltage
VCC
6V
Input Power
Pin
+10
dBm
Total Power Dissipation
PT
200
mW
Operating Temperature
Topt
–40 to +85
˚C
Storage Temperature
Tstg
–55 to +150
˚C
ELECTRICAL CHARACTERISTICS (TA = +25 ˚C, VCC = 5 V, ZS = ZL = 50
Ω)
Characteristic
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Circuit current
ICC
14
19
24
mA
No input signal
Power gain
GP
18
21
23
dB
f = 0.5 GHz (GP = | S21 |)
Noise figure
NF
4.0
5.5
dB
f = 0.5 GHz
Upper limit operating frequency
fu
0.9
1.1
GHz
3 dB down below 0.1 GHz gain
Isolation
ISL
23
27
dB
f = 0.5 GHz (ISL = | S12 |)
Input return loss
RLin
10
13
dB
f = 0.5 GHz (RLin = | S11 |)
Output return loss
RLout
10
13
dB
f = 0.5 GHz (RLout = | S22 |)
Maximum output level
PO(sat)
2
4
dBm
f = 0.5 GHz, Pin = –5 dBm
As for test circuit and application circuit, please refer to Application note (Document No. 10964EJ2V0AN00).


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn