Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC1688G Datasheet(PDF) 6 Page - NEC

Part No. UPC1688G
Description  5 V, 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC1688G Datasheet(HTML) 6 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
µPC1688G
6
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation).
(3) Keep the track length of the ground pins as short as possible.
(4) The bypass capacitor should be attached to the VCC pin.
(5) The DC cut capacitor must be each attached to the input and output pins.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and conditions
than the recommended conditions are to be consulted with our sales representatives.
µµµµµPC1688G
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared ray reflow
Package peak temperature: 235 ˚C, Hour: within 30 s.
IR35-00-3
(more than 210 ˚C), Time: 3 times, Limited days: no.Note
VPS
Package peak temperature: 215 ˚C, Hour: within 40 s.
VP15-00-3
(more than 200 ˚C), Time: 3 times, Limited days: no.Note
Wave soldering
Soldering tub temperature: less than 260 ˚C, Hour: within 10 s.
WS60-00-1
Time: Limited days: no.Note
Pin part heating
Pin area temperature: less than 300 ˚C, Hour: within 3 s/pin.
Limited days: no.Note
Note It is the storage days after opening a dry pack, the storage conditions are 25 ˚C, less than 65 % RH.
Caution The combined use of soldering method is to be avoided (However, except the pin area heating
method).
For details of recommended soldering conditions for surface mounting, refer to information document SEMICON-
DUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535EJ7V0IF00).


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn