Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC1688G Datasheet(PDF) 4 Page - NEC

Part No. UPC1688G
Description  5 V, 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC1688G Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
µPC1688G
4
POWER GAIN (| S21 |) vs. FREQUENCY
24
10
f - Frequency - MHz
20
16
12
8
4
0
INPUT POWER vs. OUTPUT POWER
10
–30
Pin - Input Power - dBm
5
0
–5
–10
–15
–20
–25
–20
–15
–10
–5
0
30 50 70100
3005007001G
2G
NOISE FIGURE AND POWER GAIN (| S21 |) vs.
FREQUENCY
24
10
20
16
12
8
4
0
30 50 70100
3005007001G
2G
NF
GP
VCC = 5.5 V
5.0 V
4.5 V
VCC = 5.5 V
5.0 V
4.5 V
f = 100 MHz
f = 500 MHz
f = 1 GHz
INPUT AND OUTPUT RETURN LOSS, ISOLATION
(| S11 |) (| S22 |) (| S12 |) vs. FREQUENCY
10
10
0
–10
–20
–30
–40
–50
30 50 70100
3005007001G
2G
f - Frequency - MHz
f - Frequency - MHz
| S11 |
| S22 |
| S12 |
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
VCC = 4.5 to 5.5 V
VCC = 5.5 V
5.0 V
4.5 V
TA = –40 ˚C
+25 ˚C
+85 ˚C
GP


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn