Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND101 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # ND101
Description  ND101
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

ND101 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  ND101 Datasheet HTML 1Page - KODENSHI_AUK CORP. ND101 Datasheet HTML 2Page - KODENSHI_AUK CORP. ND101 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-D6E006-001
2
ND101
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Continuous reverse voltage
VR
30
V
Forward current
IF
50
mA
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Reverse voltage
VR
IR=10μA
30
-
-
V
Reverse current
IR
VR=30V
-
-
0.1
μA
Forward voltage
VF
IF=50mA
-
0.9
-
V
Total capacitance
CT
VR=1V, f=1MHz
-
0.3
0.4
pF
Series resistance
rS
IF=10mA, f=100MHz
-
1.0
1.5
Ω
Recommend PCB solder land (Unit : mm)


Similar Part No. - ND101

ManufacturerPart #DatasheetDescription
logo
AUK corp
ND101 AUK-ND101 Datasheet
243Kb / 3P
   Antenna Switching Pin Diode
logo
PEAK Plastic & Metal Pr...
ND10101.408206 PEAK_Inc-ND10101.408206 Datasheet
201Kb / 2P
   ND10101.408206 REV.A
ND10101.408208 PEAK_Inc-ND10101.408208 Datasheet
206Kb / 2P
   ND10101.408208 REV.A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com