Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2383-O Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2383-O
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2383-O Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2383-O Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2383-O Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC2383
Features
High voltage: VCEO=160V
Large continuous collector current capability
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
160
Collector - Emitter Voltage
VCEO
160
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
1
A
Collector Power Dissipation
PC
0.5
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
160
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
160
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 150 V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 6V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=50mA
1
Base - emitter saturation voltage
VBE(sat) IC= 500 mA, IB= 50mA
1.2
Base - emitter voltage
VBE
VCE= 5V, IC= 5mA
0.45
0.75
DC current gain
hFE
VCE= 6V, IC= 200mA
100
320
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
20
pF
Transition frequency
fT
VCE= 5V, IC= 200mA
20
MHz
V
uA
V
Classification of hfe
Type
2SC2383-O
2SC2383-Y
Range
100-200
160-320
Marking
2383O
2383Y


Similar Part No. - 2SC2383-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC2383-O MCC-2SC2383-O Datasheet
75Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SC2383-O SECOS-2SC2383-O Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
2SC2383-O MCC-2SC2383-O Datasheet
310Kb / 2P
   NPN Silicon Plastic-Encapsulateb Transistor
logo
DONGGUAN YOU FENG WEI E...
2SC2383-O YFWDIODE-2SC2383-O Datasheet
473Kb / 2P
   NPN Transistors
logo
Guangdong Kexin Industr...
2SC2383-O-HF KEXIN-2SC2383-O-HF Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - 2SC2383-O

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com