Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD70NS04ZL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD70NS04ZL
Description  N-channel clamped 9.5 m, 70 A DPAK fully protected SAFeFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD70NS04ZL Datasheet(HTML) 3 Page - STMicroelectronics

  STD70NS04ZL Datasheet HTML 1Page - STMicroelectronics STD70NS04ZL Datasheet HTML 2Page - STMicroelectronics STD70NS04ZL Datasheet HTML 3Page - STMicroelectronics STD70NS04ZL Datasheet HTML 4Page - STMicroelectronics STD70NS04ZL Datasheet HTML 5Page - STMicroelectronics STD70NS04ZL Datasheet HTML 6Page - STMicroelectronics STD70NS04ZL Datasheet HTML 7Page - STMicroelectronics STD70NS04ZL Datasheet HTML 8Page - STMicroelectronics STD70NS04ZL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STD70NS04ZL
Electrical ratings
Doc ID 16344 Rev 1
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
33 (1)
1.
Voltage is limited by zener diodes
V
VDG
drain-gate voltage
33 (1)
V
VGS
Gate-source voltage
±20 (1)
V
ID
Drain current (continuous) at TC = 25 °C
70
A
ID
Drain current (continuous) at TC=100 °C
50
A
IDG
Drain gate current (continuous)
± 50
mA
IGS
Gate-source current (continuous)
± 50
mA
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
280
A
PTOT
Total dissipation at TC = 25 °C
110
W
Derating factor
0.73
W/°C
VESD(G-S)
Gate-source ESD (HBM-C=100 pF, R=1.5 k
Ω)± 8
kV
VESD(G-D)
Gate-drain ESD (HBM-C=100 pF, R=1.5 k
Ω)± 8
kV
VESD(D-S)
Drain-source ESD (HBM-C=100 pF, R=1.5 k
Ω)± 8
kV
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
1.36
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch² 2 oz. FR4 Cu.
Thermal resistance junction-pcb max
50
°C/W
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax)
30
A
EAS
Single pulse avalanche energy (starting
Tj=25 °C, ID=IAS, VDD=21 V)
(see Figure 17, Figure 18)
650
mJ


Similar Part No. - STD70NS04ZL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
logo
VBsemi Electronics Co.,...
STD70N02L VBSEMI-STD70N02L Datasheet
902Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
logo
STMicroelectronics
STD70N02L-1 STMICROELECTRONICS-STD70N02L-1 Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L-1 STMICROELECTRONICS-STD70N02L-1 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
More results

Similar Description - STD70NS04ZL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP180NS04ZC STMICROELECTRONICS-STP180NS04ZC Datasheet
256Kb / 12P
   N-channel clamped 3.5 m廓 - 120 A TO-220 fully protected SAFeFET??Power MOSFET
STP70NS04ZC STMICROELECTRONICS-STP70NS04ZC Datasheet
272Kb / 13P
   N-channel clamped 8m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
STP90NS04ZC STMICROELECTRONICS-STP90NS04ZC Datasheet
328Kb / 13P
   N-channel clamped 5m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
   N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
   N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
STD70N6F3 STMICROELECTRONICS-STD70N6F3 Datasheet
629Kb / 1P
   N-channel 60 V, 8.0 m, 70 A DPAK STripFET III Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP75NS04Z STMICROELECTRONICS-STP75NS04Z Datasheet
231Kb / 12P
   N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
STP60NS04Z STMICROELECTRONICS-STP60NS04Z Datasheet
91Kb / 8P
   N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com