Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10677 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD10677
Description  16-Bit, 65 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10677 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD10677
Rev. D | Page 3 of 20
SPECIFICATIONS
DC SPECIFICATIONS
AVCC = 5 V, EVCC = 3.3 V, VDD = 3.3 V, TA = 25°C, differential encode = 65 MSPS, CLOAD ≤ 10 pF, unless otherwise noted.
Table 1.
Parameter
Test Level
Min
Typ
Max
Unit
RESOLUTION
16
Bits
Offset Error
I
–0.30
+0.12
+0.30
%FS
Gain Error
I
–7
+7
%FS
Differential Nonlinearity (DNL)
V
±0.7
LSB
Integral Nonlinearity (INL)
V
±4
LSB
TEMPERATURE DRIFT
Offset Error
V
13
ppm/ºC
Gain Error
V
200
ppm/ºC
POWER SUPPLY REJECTION RATIO (PSRR)
V
60
dB
ANALOG INPUTS (AIN, AIN)1
Differential Input Voltage Range
V
2.15
V p-p
Differential Input Resistance
V
50
Ω
Differential Input Capacitance
V
2.5
nF
Input Bandwidth
IV
0.40
210
MHz
VSWR2
V
1.04:1
Ratio
POWER SUPPLY3
Supply Current
IAVCC (AVCC = 5.0 V)
I
0.95
1.05
A
IEVCC (EVCC = 3.3 V)
I
0.15
0.2
A
IVDD (VDD = 3.3 V)
I
0.49
0.625
A
Total Power Dissipation4
I
6.86
7.5
W
1 Measurement includes the recommended interface connector.
2 Input VSWR, see Figure 15.
3 Supply voltages should remain stable within 65% for normal operation. However, rated ac (harmonics) performance is valid only over the range AVCC = 5.0 V to 5.25 V.
4 Power dissipation measured with encode at rated speed and −1 dBFS analog input at 10 MHz.
DIGITAL SPECIFICATIONS
AVCC = 5 V, EVCC = 3.3 V, VDD = 3.3 V, TA = 25°C, differential encode = 65 MSPS, CLOAD ≤ 10 pF, unless otherwise noted.
Table 2.
Parameter
Test Level
Min
Typ
Max
Unit
ENCODE INPUTS (ENCODE, ENCODE)
Differential Input Voltage Range
IV
0.4
V p-p
Differential Input Resistance
V
100
Ω
Differential Input Capacitance
V
160
pF
LOGIC OUTPUTS (D15 to D0)
Logic Compatibility
CMOS
Logic 1 Voltage ILOAD ≤ 100 mA
IV
0.9 × VDD
V
Logic 0 Voltage ILOAD ≤ 100 mA
IV
0.4
V
Output Coding
True binary
Series Output Resistance per Bit
120
Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn