Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10677 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD10677
Description  16-Bit, 65 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10677 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD10677
Rev. D | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
AVCC to AGND
0 V to 7 V
EVCC to AGND
0 V to 6 V
VDD to DGND
–0.5 V to +3.8 V
Analog Input Voltage
0 V to AVCC
Analog Input Current
25 mA
Encode Input Voltage
0 V to 5 V
Digital Output Voltage
–0.5 V to VDD
Maximum Junction Temperature
150°C
Storage Temperature Range Ambient
–65°C to +150°C
Maximum Operating Temperature Ambient
92°C
Table 6. Output Coding (True Binary)
Code
AIN (V)
Digital Output
65535
+1.1
1111 1111 1111 1111
.
.
.
.
.
.
32768
0
1000 0000 0000 0000
32767
–0.000034
0111 1111 1111 1111
.
.
.
.
.
.
0
–1.1
0000 0000 0000 0000
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
100% production tested at 25°C; guaranteed by design and
characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.
OPERATING RANGE
Operating ambient temperature range: 0°C to 70°C. See the
Thermal Considerations section.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn