Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10677 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD10677
Description  16-Bit, 65 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10677 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD10677
Rev. D | Page 4 of 20
AC SPECIFICATIONS
AVCC = 5 V, EVCC = 3.3 V, VDD = 3.3 V, TA = 25°C, differential encode = 65 MSPS, CLOAD ≤ 10 pF, unless otherwise noted.
Table 3.
Parameter
Test Level
Min
Typ
Max
Unit
SNR1
Analog Input
2.5 MHz
I
77.5
80
dBFS
@ –1 dBFS
10 MHz
I
77.5
80
dBFS
30 MHz
I
76.5
78.5
dBFS
SINAD2
Analog Input
2.5 MHz
I
77.2
79
dBFS
@ –1 dBFS
10 MHz
I
77.2
79
dBFS
30 MHz
I
74.5
77
dBFS
SFDR3
Analog Input
2.5 MHz
I
84
92
dBFS
@ –1 dBFS
10 MHz
I
84
92
dBFS
30 MHz
I
79.5
84
dBFS
TWO-TONE4
Analog Input
@ –7 dBFS—IMD
f1 = 10 MHz, f2 = 12 MHz
V
96
dBFS
1 Analog input signal power at –1 dBFS; signal-to-noise (SNR) is the ratio of signal level to total noise (first five harmonics removed). Encode = 65 MSPS. SNR is reported
in dBFS, related back to converter full scale.
2 Analog input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 65 MSPS. SINAD is
reported in dBFS, related back to converter full scale.
3 Analog input signal at –1 dBFS; SFDR is the ratio of converter full scale to the worst spur.
4 Both input tones at –7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third-order intermodulation product.
SWITCHING SPECIFICATIONS
AVCC = 5 V, EVCC = 3.3 V, VDD = 3.3 V, TA = 25°C, differential encode = 65 MSPS, CLOAD ≤ 10 pF, unless otherwise noted.
Table 4.
Parameter
Test Level
Min
Typ
Max
Unit
MAXIMUM CONVERSION RATE
I
65
MSPS
MINIMUM CONVERSION RATE
IV
15
MSPS
DUTY CYCLE
IV
40
60
%
ENCODE INPUT PARAMETERS
Encode Period @ 65 MSPS, tENC
V
15.4
ns
Encode Pulse Width High @ 65 MSPS, tENCH
V
7.7
ns
Encode Pulse Width Low @ 65 MSPS, tENCL
V
7.7
ns
ENCODE/DATA (D15:D0)
Propagation Delay, tPDH
6.7
ns
Valid Time, tPDL
7.3
ns
APERTURE DELAY, tA
V
480
ps
APERTURE UNCERTAINTY (JITTER), tJ
V
500
fs rms
PIPELINE DELAYS
V
9
Cycles


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn