Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10465 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10465 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD10465
Rev. A | Page 6 of 24
TEST CIRCUITS
AIN
D[13:0]
DRY
N
tA
tENC
tENCH
tENCL
tOD
tE, DR
N+1
N+2
N+3
N+4
N
N+1
N+2
N+3
N+4
N–3
N–2
N–1
N
ENC, ENC
Figure 2. Timing Diagram
DVCC
DVCC
VREF
CURRENT MIRROR
DR_OUT
CURRENT MIRROR
200Ω
100Ω
100Ω
AVIN3
AVIN2
AVIN1
TO AD8037
Figure 3. Analog Input Stage
LOADS
LOADS
ENCODE
ENCODE
AVCC
AVCC
AVCC
AVCC
10kΩ
10kΩ
10kΩ
10kΩ
Figure 5. Digital Output Stage
DVCC
DVCC
VREF
CURRENT MIRROR
D0 TO
D13
100Ω
CURRENT MIRROR
Figure 4. ENCODE Inputs
Figure 6. Digital Output Stage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn