Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10465 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10465 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD10465
Rev. A | Page 4 of 24
Test1
Mil
AD10465BZ/QML-H
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
SINAD8
Analog Input @ 4.98 MHz
25°C
V
70
dB
Analog Input @ 9.9 MHz
25°C
I
4
67.5
69
dB
Full
II
5, 6
67.5
69
dB
Analog Input @ 19.5 MHz
25°C
I
4
65
68
dB
Full
II
5, 6
65
68
dB
Analog Input @ 32.1 MHz
25°C
I
4
60
63
dB
Full
II
5, 6
58
61
dB
SPURIOUS-FREE DYNAMIC RANGE9
Analog Input @ 4.98 MHz
25°C
V
85
dBFS
Analog Input @ 9.9 MHz
25°C
I
4
73
82
dBFS
Full
II
5, 6
70
82
dBFS
Analog Input @ 19.5 MHz
25°C
I
4
72
78
dBFS
Full
II
5, 6
70
78
dBFS
Analog Input @ 32.1 MHz
25°C
I
4
62
68
dBFS
Full
II
5, 6
60
66
dBFS
TWO-TONE IMD REJECTION10
fIN = 10 MHz and 11 MHz
25°C
I
4
78
87
dBFS
f1 and f2 are −7 dB
II
5, 6
78
dBFS
fIN = 31 MHz and 32 MHz
25°C
I
4
68
70
dBFS
f1 and f2 Are −7 dB
Full
II
5, 6
60
dBFS
CHANNEL-TO-CHANNEL ISOLATION11
25°C
IV
12
90
dB
TRANSIENT RESPONSE
25°C
V
15.3
ns
OVERVOLTAGE RECOVERY TIME
VIN = 2.0 × fS
Full
IV
12
40
100
ns
VIN = 4.0 × fS
Full
IV
12
150
200
ns
DIGITAL OUTPUTS12
Logic Compatibility
CMOS
DVCC = 3.3 V
Logic 1 Voltage
Full
I
1, 2, 3
2.5
DVCC − 0.2
V
Logic 0 Voltage
Full
I
1, 2, 3
0.2
0.5
V
DVCC = 5 V
Logic 1 Voltage
Full
V
DVCC − 0.3
V
Logic 0 Voltage
Full
V
0.35
V
Output Coding
Twos complement
POWER SUPPLY
AVCC Supply Voltage13
Full
VI
4.85
5.0
5.25
V
I (AVCC) Current
Full
I
270
308
mA
AVEE Supply Voltage13
Full
VI
−5.25
−5.0
−4.75
V
I (AVEE) Current
Full
V
38
49
mA
DVCC Supply Voltage13
Full
VI
3.135
3.3
3.465
V
I (DVCC) Current
Full
V
30
46
mA
ICC (Total) Supply Current per Channel
Full
I
1, 2, 3
338
403
mA
Power Dissipation (Total)
Full
I
1, 2, 3
3.5
3.9
W
Power Supply Rejection Ratio (PSRR)
Full
V
0.02
% FSR/% VS
Passband Ripple to 10 MHz
V
0.1
dB
Passband Ripple to 25 MHz
V
0.2
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn