Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10265 Datasheet(PDF) 2 Page - Analog Devices

Part No. AD10265
Description  Dual Channel, 12-Bit, 65 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10265 Datasheet(HTML) 2 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. A
–2–
AD10265–SPECIFICATIONS
Electrical Characteristics (AV
CC = +5 V; AVEE = –5.0 V; DVCC = +3.3 V; applies to each ADC unless otherwise noted.)
Test
Mil
AD10265AZ
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
RESOLUTION
12
Bits
ACCURACY
No Missing Codes
Full
IV
12
Guaranteed
Offset Error
Full
IV
2, 3
–10
+3.5
+10
mV
Gain Error
1
25
°C
I
1
–1.5
±0.5
+1.5
% FS
Full
VI
2, 3
–2.5
±0.8
+2.5
% FS
Gain Error Channel Match
Full
V
±0.2
%
Pass Band Ripple to Nyquist
Full
IV
12
0.2
0.5
dB
ANALOG INPUT (AIN)
Input Voltage Range
AIN1
Full
V
±0.5
V
AIN2
Full
V
±1.0
V
AIN3
Full
V
±2V
Input Resistance
AIN1
Full
IV
12
99
100
101
AIN2
Full
IV
12
198
200
202
AIN3
Full
IV
12
396
400
404
Input Capacitance
2
25
°C
IV
12
0
4.0
7.0
pF
Analog Input Bandwidth High
3
25
°C
V
160
MHz
Analog Input Bandwidth Low
3
25
°C
V
50
kHz
ENCODE INPUT
4, 5
Logic Compatibility
IV
TTL/CMOS
Logic “1” Voltage
Full
IV
2.0
5.0
V
Logic “0” Voltage
Full
IV
0
0.8
V
Logic “1” Current (VINH = 5 V)
Full
IV
500
650
800
µA
Logic “0” Current (VINL = 0 V)
Full
IV
–400
–320
–200
µA
Input Capacitance
25
°C
IV
12
4.5
7.0
pF
SWITCHING PERFORMANCE
Maximum Conversion Rate
6
Full
VI
4, 5, 6
65
MSPS
Minimum Conversion Rate
6
Full
IV
12
6.5
MSPS
Aperture Delay (tA)25
°C
V
400
ps
Aperture Delay Matching
25
°CV
±2.0
ns
Aperture Uncertainty (Jitter)
25
°C
V
0.3
ps rms
ENCODE Pulsewidth High
25
°C
IV
12
6.5
ns
ENCODE Pulsewidth Low
25
°C
IV
12
6.5
ns
Output Delay (tOD)
Full
IV
12
7.0
9.0
12.5
ns
SNR
7
Analog Input @ 1.24 MHz
25
°CI
4
62
66
dB
Full
II
5, 6
60.5
66
dB
@ 17 MHz
25
°CI
4
61
65
dB
Full
II
5, 6
60
65
dB
@ 32 MHz
25
°CI
4
61
63
dB
Full
II
5, 6
59.5
62
dB
SINAD
8
Analog Input @ 1.24 MHz
25
°CI
4
61
65
dB
Full
II
5, 6
60
64
dB
@ 17 MHz
25
°CI
4
61
64
dB
Full
II
5, 6
59.5
63
dB
@ 32 MHz
25
°CI
4
61
62
dB
Full
II
5, 6
59
62
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn