Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10226 Datasheet(PDF) 15 Page - Analog Devices

Part No. AD10226
Description  Dual-Channel, 12-Bit 125 MSPS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10226 Datasheet(HTML) 15 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD10226
–15–
JP1
AINA1
AGNDA
E4
AGNDA
E6
AGNDA
5VAA
C3
10 F
16V
12
L3
47
@ 100MHz
C20
0.1 F
C11
10 F
16V
AGNDA
5VAA
++
AINA1
J3
AINA2
AGNDA
AINA2
J4
E3
AGNDB
E5
AGNDB
5VAB
C4
10 F
16V
12
L4
47
@ 100MHz
C21
0.1 F
C19
10 F
16V
AGNDB
5VAB
++
AINB2
AGNDB
AINB2
J7
JP2
AINB1
AGNDB
DGNDA
E34
DGNDA
E25
3.3VDA
C29
10 F
16V
12
L1
47
@ 100MHz
C12
0.1 F
C31
10 F
16V
DGNDA
++
DUT_3.3VDA
AINB1
J6
DGNDB
E33
DGNDB
E26
3.3VDB
C30
10 F
16V
12
L2
47
@ 100MHz
C16
0.1 F
C32
10 F
16V
DGNDB
++
DUT_3.3VDB
AGNDA
C34
0.1 F
5VAA
DGNDA
C9
0.1 F
C10
0.1 F
DUT_3.3VDA
DGNDB
C17
0.1 F
C18
0.1 F
DUT_3.3VDB
DGNDB
E30
E29
E35
E36
E37
E38
E39
E40
E46
E45
E80
E79
E83
E84
AGNDB
E41
E42
E43
E44
E47
E48
E65
E66
E68
E67
E69
E70
E71
E72
AGNDA
DGNDA
E74
E73
E75
E76
E82
E81
STITCHES TO TIE GROUNDS TOGETHER
E78
E77
E7
E12
E10
E9
E8
E11
E1
E2
DGNDA
DGNDB
DGNDA
DGNDB
DGNDA
AGNDA
AGNDA
AGNDB
DGNDB
AGNDB
Figure 7b. Evaluation Board Schematic


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn