Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10226 Datasheet(PDF) 9 Page - Analog Devices

Part No. AD10226
Description  Dual-Channel, 12-Bit 125 MSPS
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10226 Datasheet(HTML) 9 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD10226
–9–
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 150MHz AND 151MHz
SFDR = 75.38dBFS
55
60
TPC 7. Two Tone @ 150/151 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 240MHz AND 241MHz
SFDR = 67dBFS
55
60
TPC 8. Two Tone @ 240/241 MHz
3.0
1.0
1.5
0.5
0.0
0.5
2.5
0
1.0
2.0
512
1024
1536
2048
2560
3072
3584
4096
ENCODE = 125MSPS
DNL MIN = 0.530
DNL MAX = 0.369
OUTPUT CODES
TPC 9. Differential Nonlinearity
3.0
3.0
0.0
0
1.0
2.0
512
1024
1536
2048
2560
3072
3584
4096
2.0
1.0
ENCODE = 125MSPS
INL MIN = 0.610
INL MAX = 0.702
OUTPUT CODES
TPC 10. Integral Nonlinearity
6
2
10
4
FREQUENCY – MHz
3
5
100
1000
1
0
TPC 11. Frequency Response
2
10
FREQUENCY – MHz
100
1000
1
0
TPC 12. Gain Flatness*
*Gain flatness measurement is performed by
applying a constant voltage at the device input.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn