Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD10226 Datasheet(PDF) 8 Page - Analog Devices

Part # AD10226
Description  Dual-Channel, 12-Bit 125 MSPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10226 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD10226_15 Datasheet HTML 4Page - Analog Devices AD10226_15 Datasheet HTML 5Page - Analog Devices AD10226_15 Datasheet HTML 6Page - Analog Devices AD10226_15 Datasheet HTML 7Page - Analog Devices AD10226_15 Datasheet HTML 8Page - Analog Devices AD10226_15 Datasheet HTML 9Page - Analog Devices AD10226_15 Datasheet HTML 10Page - Analog Devices AD10226_15 Datasheet HTML 11Page - Analog Devices AD10226_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD10226
–8–
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 10.3MHz (–1dBFS)
SNR = 68.19dBFS
SFDR = 85.13dBFS
55
60
TPC 1. Single Tone @ 10.3 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
303540
45
50
ENCODE = 125MSPS
AIN = 49MHz (–1dBFS)
SNR = 67.12dBFS
SFDR = 83.09dBFS
55
60
TPC 2. Single Tone @ 49 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
3035
40
45
50
ENCODE = 125MSPS
AIN = 71MHz (–1dBFS)
SNR = 66.2dBFS
SFDR = 82.02dBFS
55
60
TPC 3. Single Tone @ 71 MHz
– Typical Performance Characteristics
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 121MHz (–1dBFS)
SNR = 63.66dBFS
SFDR = 79.28dBFS
55
60
TPC 4. Single Tone @ 121 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 240MHz (–1dBFS)
SNR = 59.06dBFS
SFDR = 74.56dBFS
55
60
TPC 5. Single Tone @ 240 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
510
15
20
25
30
35
40
45
50
ENCODE = 125MSPS
AIN = 29.3MHz AND 30.3MHz
SFDR = 79.03dBFS
55
60
TPC 6. Two Tone @ 29/30 MHz


Similar Part No. - AD10226_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10226/PCB AD-AD10226/PCB Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
AD10226AB AD-AD10226AB Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
AD10226PCB AD-AD10226PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD10226_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9762 AD-AD9762_15 Datasheet
427Kb / 23P
   12-Bit, 125 MSPS
REV. B
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD10226 AD-AD10226 Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9752 AD-AD9752_15 Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance
REV. 0
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
logo
Texas Instruments
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com