Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10201 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD10201
Description  Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10201 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD10201
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)
8 (Without Harmonics)
fIN = 10 MHz
25
°CI
66
68
dBFS
fIN = 41 MHz
25
°CV
67
dBFS
fIN = 71 MHz
25
°CI
63.5
66.5
dBFS
fIN = 121 MHz
25
°CV
63
dBFS
Signal-to-Noise Ratio (SINAD)
9 (With Harmonics)
fIN = 10 MHz
25
°CI
65.5
67.5
dBFS
fIN = 41 MHz
25
°CV
67.2
dBFS
fIN = 71 MHz
25
°CI
63
65
dBFS
fIN = 121 MHz
25
°CV
59
dBFS
Spurious-Free Dynamic Range
10
fIN = 10 MHz
25
°CI
75.5
81
dBFS
fIN = 41 MHz
25
°CV
76
dBFS
fIN = 71 MHz
25
°CI
71
74
dBFS
fIN = 121 MHz
25
°CV
63
dBFS
Two-Tone Intermodulation
Distortion
11 (IMD)
fIN = 10 MHz; fIN = 12 MHz
25
°CV
81
dBc
fIN = 71 MHz; fIN = 72 MHz
25
°CV
66
dBc
fIN = 121 MHz; fIN = 122 MHz
25
°CV
61
dBc
Channel-to-Channel Isolation
12
fIN = 121 MHz
Full
IV
90
dBc
NOTES
1 All specifications tested by driving ENCODE and
ENCODE differentially, with the analog input applied to A
INX1 and AINX2 tied to ground.
2 Gain error measured at 10.3 MHz.
3 Input VSWR, see TPC 12.
4 See Figure 1, Timing Diagram.
5 t
V and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital outputs swing. The digital output load during test is
not to exceed an ac load of 10 pF or a dc current of
±40 A.
6 Supply voltages should remain stable within
±5% for normal operation.
7 Power dissipation measures with encode at rated speed.
8 Analog input signal power at –1 dBFS; signal-to-noise (SNR) is the ratio of signal level to total noise (first six harmonics removed).
ENCODE = 105 MSPS. SNR is reported in dBFS, related back to converter full scale.
9 Analog input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. ENCODE = 105 MSPS.
SINAD is reported in dBFS, related back to converter full scale.
10Analog input signal equals –1 dBFS; SFDR is ratio of converter full scale to worst spur.
11Both input tones at –7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermod product.
12Channel-to-channel isolation tested with A channel/50
Ω terminated (A
IN A2 grounded) and a full-scale signal applied to B channel (A IN B2).
Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn