Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10201 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD10201
Description  Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10201 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD10201
–5–
PIN CONFIGURATION
35 mm square
BOTTOM VIEW
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
24
22
20
18
16
14
12
10
8
6
4
2
25
23
21
19
17
15
13
11
9
7
5
3
1
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the device as possible
REF_A_OUT
A Channel Internal Voltage Reference
NC
No connection
AIN A1
Analog Input for A side ADC (
input)
AIN A2
Analog Input for A side ADC (+ input)
AVCCAAnalog Positive Supply Voltage (nominally 5.0 V)
DGNDA
A Channel Digital Ground
D11A–D0A
Digital Outputs for ADC A. D0 (LSB)
ENCODEA
Complement of ENCODE
ENCODEA
Data conversion initiated on the rising edge of ENCODE input
DVCCADigital Positive Supply Voltage (nominally 3.3 V)
DGNDB
B Channel Digital Ground
D11B–D0B
Digital Outputs for ADC B. D0 (LSB)
AGNDB
B Channel Analog Ground. A and B grounds should be connected as close to the device as possible.
DVCCBDigital Positive Supply Voltage (nominally 3.3 V)
ENCODEB
Complement of ENCODE
ENCODEB
Data conversion initiated on rising edge of ENCODE input
REF_B_OUT
B Channel Internal Voltage Reference
AIN B1
Analog Input for B side ADC (
input)
AIN B2
Analog Input for B side ADC (+ input)
AVCCBAnalog Positive Supply Voltage (nominally 5.0 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn