Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10201 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD10201
Description  Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10201 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD10201
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD10201 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . 5 V p-p (18 dBm)
Digital Inputs . . . . . . . . . . . . . . . . . . . . –0.5 V to VDD +0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature (Ambient) . . . . . . . –55
°C to +125°C
Storage Temperature (Ambient) . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
* Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions outside of those indicated in the operation sections
of this specification is not implied. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
THERMAL CHARACTERISTICS
385-Lead BGA Package:
The typical
θJA of the module as determined by an IR scan is
25.33
°C/W.
tPD
AIN
ENCODE
ENCODE
D11 D0
SAMPLE N 1SAMPLE N
SAMPLE N 10
SAMPLE N 11
SAMPLE N 9
SAMPLE N 1
1/fS
DATA N 11
DATA N 10
N 9
DATA N 1
DATA N
DATA N
1
tV
N 2
Figure 1. Timing Diagram
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD10201AB
–25
°C to +85°C (Ambient)
385-Lead BGA (35 mm
35 mm)
B-385
AD10201/PCB
+25
°CEvaluation Board with AD10201AB
EXPLANATION OF TEST LEVELS
Test Level
I
100% production tested
II
100% production tested at 25
°C and sample tested at specific
temperatures
III Sample tested only
IV Parameter is guaranteed by design and characterization
testing
V
Parameter is a typical value only
VI 100% production tested at 25
°C; guaranteed by design and
characterization testing for industrial temperature range
Table I. Output Coding (VREF = 2.5 V) (Two’s Complement)
Code
AIN (V)
Digital Output
+2047
+0.875
0111 1111 1111
··
·
··
·
00
0000 0000 0000
–1
–0.000427
1111 1111 1111
··
·
··
·
–2048
–0.875
1000 0000 0000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn