Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA5101-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMA5101-TL-H
Description  Mixer, IIP3 15dBm, Gc -0.5dB 450MHz, MCPH6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMA5101-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  SMA5101-TL-H Datasheet HTML 1Page - ON Semiconductor SMA5101-TL-H Datasheet HTML 2Page - ON Semiconductor SMA5101-TL-H Datasheet HTML 3Page - ON Semiconductor SMA5101-TL-H Datasheet HTML 4Page - ON Semiconductor SMA5101-TL-H Datasheet HTML 5Page - ON Semiconductor SMA5101-TL-H Datasheet HTML 6Page - ON Semiconductor SMA5101-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMA5101
No. A1839-2/7
Recommended Operating Condition at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply Voltage
VC1E1
1.236
V
VC2E1
1.236
V
VC1E2
1.236
V
VC2E2
1.236
V
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
IC1B1O
VC1B1=5V
1
μA
IC2B1O
VC2B1=5V
1
μA
IC1B2O
VC1B2=5V
1
μA
IC2B2O
VC2B2=5V
1
μA
Emitter Cutoff Current
IE1B1O
VE1B1=1V
1
μA
IE2B1O
VE2B1=1V
1
μA
IE1B2O
VE1B2=1V
1
μA
IE2B2O
VE2B2=1V
1
μA
DC Current Gain
hFE1VC1E1=1V, IC1E1=3mA
20
120
hFE2VC2E1=1V, IC2E1=3mA
20
120
hFE3VC1E2=1V, IC1E2=3mA
20
120
hFE4VC2E2=1V, IC2E2=3mA
20
120
Conversion Gain *1
Gc
VCC=5V, ICC=6mA,
f(RF)=450MHz, f(LO)=500MHz,
P(RF)=--15dBm, P(LO)=--6dBm
--0.5
dB
Input Intercept Point *1
IIP3
VCC=5V, ICC=6mA,
f(RF1)=450MHz, f(RF2)=451MHz,
f(LO)=500MHz,
P(RF1)=P(RF2)=--15dBm, P(LO)=--6dBm
15
dBm
*1 : On evaluation board
Ordering Information
Device
Package
Shipping
memo
SMA5101-TL-H
MCPH6
3,000pcs./reel
Pb Free and Halogen Free
Measurement Circuit
0.1μF
0.1μF
0.1μF
0.1μF
10kΩ
Balun
Balun
Balun
IF
SMA5101
VB
VCC
LO
RF
IT15507


Similar Part No. - SMA5101-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA5101 SANKEN-SMA5101 Datasheet
21Kb / 1P
   N-channel General purpose
logo
Sanyo Semicon Device
SMA5101 SANYO-SMA5101 Datasheet
87Kb / 5P
   RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
SMA5101 SANYO-SMA5101_12 Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
More results

Similar Description - SMA5101-TL-H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2335 MAXIM-MAX2335 Datasheet
228Kb / 11P
   450MHz CDMA/OFDM LNA/Mixer
Rev 0; 10/05
logo
BeRex Corporation
BM831 BEREX-BM831 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer
BM851 BEREX-BM851 Datasheet
1Mb / 12P
   1.7~2.7GHz High IIP3 GaAs MMIC Mixer
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM851 BEREX-BM851_18 Datasheet
1Mb / 12P
   1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
M/A-COM Technology Solu...
MADC-010736 MA-COM-MADC-010736 Datasheet
761Kb / 6P
   Receiver, High IIP3
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
Weidmuller
2592030000 WEIDMULLER-2592030000 Datasheet
58Kb / 2P
   HDC MRJ45 GC F
logo
M/A-COM Technology Solu...
MAAV-011013 MA-COM-MAAV-011013 Datasheet
1Mb / 9P
   High Linearity, 30 dBm IIP3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com