Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9397 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9397
Description  DVI Display Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397 Datasheet(HTML) 5 Page - Analog Devices

  AD9397_15 Datasheet HTML 1Page - Analog Devices AD9397_15 Datasheet HTML 2Page - Analog Devices AD9397_15 Datasheet HTML 3Page - Analog Devices AD9397_15 Datasheet HTML 4Page - Analog Devices AD9397_15 Datasheet HTML 5Page - Analog Devices AD9397_15 Datasheet HTML 6Page - Analog Devices AD9397_15 Datasheet HTML 7Page - Analog Devices AD9397_15 Datasheet HTML 8Page - Analog Devices AD9397_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD9397
Rev. 0 | Page 5 of 28
Test
AD9397KSTZ-100
AD9397KSTZ-150
Parameter
Level
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
AC SPECIFICATIONS
Intrapair (+ to −) Differential Input Skew
(TDPS)
IV
360
ps
Channel to Channel Differential Input
Skew (TCCS)
IV
6
Clock
Period
Low-to-High Transition Time for Data
and Controls (DLHT)
IV
Output drive = high;
CL = 10 pF
900
ps
IV
Output drive = low;
CL = 5 pF
1300
ps
Low-to-High Transition Time for DATACK
(DLHT)
IV
Output drive = high;
CL = 10 pF
650
ps
IV
Output drive = low;
CL = 5 pF
1200
ps
High-to-Low Transition Time for Data
and Controls (DHLT)
IV
Output drive = high;
CL = 10 pF
850
ps
IV
Output drive = low;
CL = 5 pF
1250
ps
High-to-Low Transition Time for DATACK
(DHLT)
IV
Output drive = high;
CL = 10 pF
800
ps
IV
Output drive = low;
CL = 5 pF
1200
ps
Clock to Data Skew5 (TSKEW)
IV
−0.5
+2.0
−0.5
+2.0
ns
Duty Cycle, DATACK5
IV
45
50
55
%
DATACK Frequency (FCIP)
VI
20
150
MHz
1 The typical pattern contains a gray scale area, output drive = high. Worst-case pattern is alternating black and white pixels.
2 The typical pattern contains a gray scale area, output drive = high.
3 Specified current and power values with a worst-case pattern (on/off).
4 DATACK load = 10 pF, data load = 5 pF.
5 Drive strength = high.


Similar Part No. - AD9397_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9397/PCB AD-AD9397/PCB Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9397KSTZ-100 AD-AD9397KSTZ-100 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9397KSTZ-150 AD-AD9397KSTZ-150 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
More results

Similar Description - AD9397_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9397 AD-AD9397 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
logo
List of Unclassifed Man...
S9255 ETC-S9255 Datasheet
172Kb / 3P
   DVI INTERFACE WITH TCON DISPLAY PROCESSOR
logo
Axiomtek Co., Ltd.
SBC86832 AXIOMTEK-SBC86832_14 Datasheet
249Kb / 1P
   DVI-I interface for both VGA and DVI external display devices
logo
Vecow Co., Ltd.
RCS-9430F VECOW-RCS-9430F Datasheet
407Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421FR VECOW-RCS-9421FR Datasheet
436Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9430FR VECOW-RCS-9430FR Datasheet
436Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9412FR VECOW-RCS-9412FR Datasheet
437Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421F VECOW-RCS-9421F Datasheet
407Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com