Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F60UP20DN Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # F60UP20DN
Description  60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

F60UP20DN Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  F60UP20DN Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. F60UP20DN Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. F60UP20DN Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VF(V)
Fig1. Forward Voltage Drop vs Forward Current
TJ =125°C
TJ =25°C
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
1.2
diF/dt(A/
μs)
Fig2. Reverse Recovery Time vs diF/dt
1000
800
600
400
200
0
0
20
40
60
80
100
VR=100V
TJ =125°C
IF=60A
IF=15A
IF=30A
diF/dt(A/
μs)
Fig3. Reverse Recovery Current vs diF/dt
25
20
15
10
5
0
0
200
400
600
800
1000
diF/dt(A/
μs)
Fig4. Reverse Recovery Charge vs diF/dt
1000
800
600
400
200
0
0
50
100
150
200
250
VR=100V
TJ =125°C
IF=60A
IF=15A
IF=30A
VR=100V
TJ =125°C
IF=60A
IF=30A
IF=15A
Duty
0.5
0.2
0.1
0.05
Single Pulse
0
0.2
0.4
1.2
0.6
10
1
10
-1
10
-2
10
-3
0.8
IRRM
Qrr
trr
TJ (°C)
Fig5. Dynamic Parameters vs Junction Temperature
0
25
50
100
150
1
10
-1
10
-2
10
-3
10
-4
Rectangular Pulse Duration (seconds)
Fig6. Transient Thermal Impedance
75
125
0.6
1
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/3
Rev.05
®
F60UP20DN


Similar Part No. - F60UP20DN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F60UP30DN THINKISEMI-F60UP30DN Datasheet
5Mb / 2P
   60Amperes,300Volts Dual Common Cathode Ultra Fast Recovery Rectifiers
F60UP60DN THINKISEMI-F60UP60DN Datasheet
5Mb / 2P
   60Amperes,600Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - F60UP20DN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR6020PT THINKISEMI-MUR6020PT Datasheet
885Kb / 3P
   60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
DSEK60-02A THINKISEMI-DSEK60-02A Datasheet
892Kb / 3P
   60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
MM60F020PC THINKISEMI-MM60F020PC Datasheet
1Mb / 3P
   60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
MUR6030PT THINKISEMI-MUR6030PT Datasheet
564Kb / 3P
   60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
FF60UP30DN THINKISEMI-FF60UP30DN Datasheet
642Kb / 3P
   60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
STTH6003CW THINKISEMI-STTH6003CW Datasheet
558Kb / 3P
   60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
MM60FU030PC THINKISEMI-MM60FU030PC Datasheet
532Kb / 3P
   60.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
F80UP40DN THINKISEMI-F80UP40DN Datasheet
753Kb / 3P
   80 Ampere,400 Volt Common Cathode Fast Recovery Epitaxial Diode
F50UP30DN THINKISEMI-F50UP30DN Datasheet
536Kb / 3P
   50.0 Ampere,300 Volt Common Cathode Fast Recovery Epitaxial Diode
MM80FU040PC THINKISEMI-MM80FU040PC Datasheet
769Kb / 3P
   80 Ampere,400 Volt Common Cathode Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com