Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT949 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FZT949
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT949 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT949_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT949_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FZT949_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
FZT949 (KZT949)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-50
VCER
Ic= -1uA,RB≤1KΩ
-50
VCEO
Ic= -10 mA, IB=0
-30
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-6
VCB= -40 V , IE=0
-50
nA
VCB= -40 V , IE=0 ,Ta = 100℃
-1
uA
VCB= - 40 V , IE=0
-50
nA
VCB= - 40 V , IE=0 ,Ta = 100℃
-1
uA
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-100
nA
IC=-500mA, IB=-10mA
(Note.1)
-75
IC=-1 A, IB=-20mA
(Note.1)
-140
IC=-2 A, IB= -200mA
(Note.1)
-270
IC=-5.5 A, IB=-500mA
(Note.1)
-440
Base - emitter saturation voltage
VBE(sat) IC=-5.5 A, IB=-500mA
(Note.1)
-1.25
Base-Emitter Turn-On Voltage
VBE(on) VCE= -1V, IC= -5.5A (Note.1)
-1.06
hFE(1)
VCE= -1V, IC= -10mA
100
hFE(2)
VCE= -1V, IC= -1A
100
300
hFE(3)
VCE= -1V, IC= -5 A
75
hFE(4)
VCE= -2V, IC= -20 A
35
ton
120
toff
130
Collector output capacitance
Cob
VCB= -10V, f=1MHz
122
pF
Transition frequency
fT
VCE= -10V, IC= -100mA,f=50MHz
100
MHz
V
Collector-base cut-off current
ICBO
Collector- emitter breakdown voltage
mV
V
Switching Times
IC=-4 A, IB1=-400mA
IB2=400mA, VCC=-10V
ns
ICER
Collector-emitter cut-off current
(R≤1KΩ)
Collector-emitter saturation voltage
VCE(sat)
DC current gain
(Note.1)
Note.1: Pulse width=300 us. Duty cycle ≤ 2%


Similar Part No. - FZT949_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT949QTA DIODES-FZT949QTA Datasheet
606Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT949QTA DIODES-FZT949QTA Datasheet
452Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR
FZT949TA DIODES-FZT949TA Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT949TA DIODES-FZT949TA Datasheet
606Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT949TA DIODES-FZT949TA Datasheet
452Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR
More results

Similar Description - FZT949_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com