Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9248 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9248
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9248_15 Datasheet HTML 5Page - Analog Devices AD9248_15 Datasheet HTML 6Page - Analog Devices AD9248_15 Datasheet HTML 7Page - Analog Devices AD9248_15 Datasheet HTML 8Page - Analog Devices AD9248_15 Datasheet HTML 9Page - Analog Devices AD9248_15 Datasheet HTML 10Page - Analog Devices AD9248_15 Datasheet HTML 11Page - Analog Devices AD9248_15 Datasheet HTML 12Page - Analog Devices AD9248_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD9248
Rev. B | Page 9 of 48
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
D5_A
46
D4_A
45
D3_A
42
D0_A (LSB)
43
D1_A
44
D2_A
48
D6_A
41
DRVDD
40
DRGND
39
OTR_B
37
D12_B
36
D11_B
35
D10_B
34
D9_B
33
D8_B
38 D13_B (MSB)
2
VIN+_A
3
VIN–_A
4
AGND
7
REFB_A
6
REFT_A
5
AVDD
1
AGND
8
VREF
9
SENSE
10
REFB_B
12
AVDD
13
AGND
14
VIN–_B
15
VIN+_B
16
AGND
11
REFT_B
PIN 1
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
AD9248
TOP VIEW
(Not to Scale)
64-LEAD LQFP
Figure 3. 64-Lead LQFP Pin Configuration
64-LEAD LFCSP
TOP VIEW
(Not to Scale)
D6_A
D5_A
D4_A
D3_A
D2_A
D1_A
D0_A (LSB)
DRGND
OTR_B
D13_B (MSB)
D12_B
D11_B
D10_B
D9_B
D8_B
AD9248
AGND
AVDD
REFT_A
REFB_A
VREF
SENSE
REFB_B
AGND
VIN–_B
VIN+_B
VIN+_A
VIN–_A
AVDD
REFT_B
AGND
AGND
DRVDD
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NOTES
1. THERE IS AN EXPOSED PAD THAT MUST CONNECT TO AGND.
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Figure 4. 64-Lead LFCSP Pin Configuration


Similar Part No. - AD9248_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Similar Description - AD9248_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com